Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 328 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 328 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 324Page - Cirrus Logic CS47L85 Datasheet HTML 325Page - Cirrus Logic CS47L85 Datasheet HTML 326Page - Cirrus Logic CS47L85 Datasheet HTML 327Page - Cirrus Logic CS47L85 Datasheet HTML 328Page - Cirrus Logic CS47L85 Datasheet HTML 329Page - Cirrus Logic CS47L85 Datasheet HTML 330Page - Cirrus Logic CS47L85 Datasheet HTML 331Page - Cirrus Logic CS47L85 Datasheet HTML 332Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 370 page
background image
CS47L85
328
Rev 4.3
AUTOMATIC SAMPLE RATE DETECTION SEQUENCES
The CS47L85 supports automatic sample rate detection on the digital audio interfaces (AIF1, AIF2, AIF3 and AIF4), when
operating in AIF Slave mode. Automatic sample rate detection is enabled using the RATE_EST_ENA register bit (see Table
105).
Up to four audio sample rates can be configured for automatic detection; these sample rates are selected using the
SAMPLE_RATE_DETECT_n registers. If one of the selected audio sample rates is detected, then the Control Write
Sequencer will be triggered. The applicable start index location within the sequencer memory is separately configurable for
each detected sample rate.
The WSEQ_SAMPLE_RATE_DETECT_A_INDEX register defines the sequencer start index corresponding to the
SAMPLE_RATE_DETECT_A sample rate. Equivalent start index values are defined for the other sample rates, as described
in Table 120.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The automatic sample rate detection control sequences are undefined following Power-On Reset (POR), Hardware Reset,
or following a Sleep mode transition. The automatic sample rate detection control sequences must be reconfigured by the
host processor following any of these events. Note that all control sequences are maintained in the sequencer memory
through Software Reset.
See “Clocking and Sample Rates” for further details of the automatic sample rate detection function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R97
(0061h)
Sample_Rat
e_Sequenc
e_Select_1
8:0
WSEQ_SAMPLE
_RATE_DETECT
_A_INDEX [8:0]
1FFh
Sample Rate A Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate A detection.
Valid from 0 to 507 (1FBh).
R98
(0062h)
Sample_Rat
e_Sequenc
e_Select_2
8:0
WSEQ_SAMPLE
_RATE_DETECT
_B_INDEX [8:0]
1FFh
Sample Rate B Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate B detection.
Valid from 0 to 507 (1FBh).
R99
(0063h)
Sample_Rat
e_Sequenc
e_Select_3
8:0
WSEQ_SAMPLE
_RATE_DETECT
_C_INDEX [8:0]
1FFh
Sample Rate C Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate C detection.
Valid from 0 to 507 (1FBh).
R100
(0064h)
Sample_Rat
e_Sequenc
e_Select_4
8:0
WSEQ_SAMPLE
_RATE_DETECT
_D_INDEX [8:0]
1FFh
Sample Rate D Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate D detection.
Valid from 0 to 507 (1FBh).
Table 120 Write Sequencer Control - Automatic Sample Rate Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com