Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 326 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 326 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 322Page - Cirrus Logic CS47L85 Datasheet HTML 323Page - Cirrus Logic CS47L85 Datasheet HTML 324Page - Cirrus Logic CS47L85 Datasheet HTML 325Page - Cirrus Logic CS47L85 Datasheet HTML 326Page - Cirrus Logic CS47L85 Datasheet HTML 327Page - Cirrus Logic CS47L85 Datasheet HTML 328Page - Cirrus Logic CS47L85 Datasheet HTML 329Page - Cirrus Logic CS47L85 Datasheet HTML 330Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 370 page
background image
CS47L85
326
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76
(004Ch)
Spare_Seq
uence_Sele
ct_2
8:0
WSEQ_TRG2_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG2 trigger.
Valid from 0 to 507 (1FBh).
R77
(004Dh)
Spare_Seq
uence_Sele
ct_3
8:0
WSEQ_TRG3_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG3 trigger.
Valid from 0 to 507 (1FBh).
R78
(004Eh)
Spare_Seq
uence_Sele
ct_4
8:0
WSEQ_TRG4_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG4 trigger.
Valid from 0 to 507 (1FBh).
R79
(004Fh)
Spare_Seq
uence_Sele
ct_5
8:0
WSEQ_TRG5_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG5 trigger.
Valid from 0 to 507 (1FBh).
R80
(0050h)
Spare_Seq
uence_Sele
ct_6
8:0
WSEQ_TRG6_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG6 trigger.
Valid from 0 to 507 (1FBh).
R89
(0059h)
Spare_Seq
uence_Sele
ct_7
8:0
WSEQ_TRG7_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG7 trigger.
Valid from 0 to 507 (1FBh).
R90
(005Ah)
Spare_Seq
uence_Sele
ct_8
8:0
WSEQ_TRG8_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG8 trigger.
Valid from 0 to 507 (1FBh).
R91
(005Bh)
Spare_Seq
uence_Sele
ct_9
8:0
WSEQ_TRG9_IN
DEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG9 trigger.
Valid from 0 to 507 (1FBh).
R92
(005Ch)
Spare_Seq
uence_Sele
ct_10
8:0
WSEQ_TRG10_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG10 trigger.
Valid from 0 to 507 (1FBh).
R93
(005Dh)
Spare_Seq
uence_Sele
ct_11
8:0
WSEQ_TRG11_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG11 trigger.
Valid from 0 to 507 (1FBh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com