| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 329 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 329 Page - Cirrus Logic |
|
329 / 370 page ![]() CS47L85 Rev 4.3 329 DRC SIGNAL DETECT SEQUENCES The Dynamic Range Control (DRC) function within the CS47L85 Digital Core provides a configurable signal detect function. This allows the signal level at the DRC input to be monitored and used to trigger other events. The DRC Signal Detect functions are enabled and configured using the register fields described in Table 14 and Table 15 for DRC1 and DRC2 respectively. A Control Write Sequence can be associated with a rising edge and/or a falling edge of the DRC1 Signal Detect output. This is enabled using the DRC1_WSEQ_SIG_DET_ENA register bit, as described in Table 14. Note that signal detection is supported on DRC1 and DRC2, but the triggering of the Control Write Sequencer is available on DRC1 only. When the DRC Signal Detect sequence is enabled, the Control Write Sequencer will be triggered whenever the DRC1 Signal Detect output transitions (high or low). The applicable start index location within the sequencer memory is separately configurable for each logic condition. The WSEQ_DRC1_SIG_DET_RISE_SEQ_INDEX register defines the sequencer start index corresponding to a DRC1 Signal Detect Rising Edge event, as described in Table 121. The WSEQ_DRC1_SIG_DET_FALL_SEQ_INDEX register defines the sequencer start index corresponding to a DRC1 Signal Detect Falling Edge event. Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted. The DRC Signal Detect sequences cannot be independently enabled for rising and falling edges. Instead, a start index of 1FFh can be used to disable the sequence for either edge, if required. The DRC Signal Detect control sequences are undefined following Power-On Reset (POR), Hardware Reset, or following a Sleep mode transition. The DRC Signal Detect control sequences must be reconfigured by the host processor following any of these events. Note that all control sequences are maintained in the sequencer memory through Software Reset. See “Digital Core” for further details of the Dynamic Range Control (DRC) function. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R110 (006Eh) Trigger_Seq uence_Sele ct_32 8:0 WSEQ_DRC1_SI G_DET_RISE_IN DEX [8:0] 1FFh DRC1 Signal Detect (Rising) Write Sequence start index This field contains the index location in the sequencer memory of the first command in the sequence associated with DRC1 Signal Detect (Rising) detection. Valid from 0 to 507 (1FBh). R111 (006Fh) Trigger_Seq uence_Sele ct_33 8:0 WSEQ_DRC1_SI G_DET_FALL_IN DEX [8:0] 1FFh DRC1 Signal Detect (Falling) Write Sequence start index This field contains the index location in the sequencer memory of the first command in the sequence associated with DRC1 Signal Detect (Falling) detection. Valid from 0 to 507 (1FBh). Table 121 Write Sequencer Control - DRC Signal Detect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |