Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 331 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 331 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 327Page - Cirrus Logic CS47L85 Datasheet HTML 328Page - Cirrus Logic CS47L85 Datasheet HTML 329Page - Cirrus Logic CS47L85 Datasheet HTML 330Page - Cirrus Logic CS47L85 Datasheet HTML 331Page - Cirrus Logic CS47L85 Datasheet HTML 332Page - Cirrus Logic CS47L85 Datasheet HTML 333Page - Cirrus Logic CS47L85 Datasheet HTML 334Page - Cirrus Logic CS47L85 Datasheet HTML 335Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 370 page
background image
CS47L85
Rev 4.3
331
EVENT LOGGER SEQUENCES
The CS47L85 provides 8 Event Log functions, for monitoring and recording internal or external signals. The logged events
are held in a FIFO buffer, from which the application software can read details of the detected logic transitions.
The Control Write Sequencer is automatically triggered whenever the NOT_EMPTY status of the Event Log buffer is
asserted. A different control sequence may be configured for each of the Event Loggers.
The WSEQ_EVENTLOGn_INDEX register defines the sequencer start index corresponding to respective Event Logger
(where ‘n’ is 1 to 8), as described in Table 123.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The Event Logger control sequences are undefined following Power-On Reset (POR), Hardware Reset, or following a Sleep
mode transition. The Event Logger control sequences must be reconfigured by the host processor following any of these
events. Note that all control sequences are maintained in the sequencer memory through Software Reset.
See “DSP Peripheral Control” for further details of the Event Loggers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R120
(0078h)
Eventlog_S
equence_S
elect_1
8:0
WSEQ_EVENTL
OG1_INDEX [8:0]
1FFh
Event Log 1 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 1 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).
R121
(0079h)
Eventlog_S
equence_S
elect_2
8:0
WSEQ_EVENTL
OG2_INDEX [8:0]
1FFh
Event Log 2 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 2 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).
R122
(007Ah)
Eventlog_S
equence_S
elect_3
8:0
WSEQ_EVENTL
OG3_INDEX [8:0]
1FFh
Event Log 3 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 3 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).
R123
(007Bh)
Eventlog_S
equence_S
elect_4
8:0
WSEQ_EVENTL
OG4_INDEX [8:0]
1FFh
Event Log 4 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 4 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).
R124
(007Ch)
Eventlog_S
equence_S
elect_5
8:0
WSEQ_EVENTL
OG5_INDEX [8:0]
1FFh
Event Log 5 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 5 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).
R125
(007Dh)
Eventlog_S
equence_S
elect_6
8:0
WSEQ_EVENTL
OG6_INDEX [8:0]
1FFh
Event Log 6 Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Event Log 6 ‘FIFO Not Empty’
detection.
Valid from 0 to 507 (1FBh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com