Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 336 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 336 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 332Page - Cirrus Logic CS47L85 Datasheet HTML 333Page - Cirrus Logic CS47L85 Datasheet HTML 334Page - Cirrus Logic CS47L85 Datasheet HTML 335Page - Cirrus Logic CS47L85 Datasheet HTML 336Page - Cirrus Logic CS47L85 Datasheet HTML 337Page - Cirrus Logic CS47L85 Datasheet HTML 338Page - Cirrus Logic CS47L85 Datasheet HTML 339Page - Cirrus Logic CS47L85 Datasheet HTML 340Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 370 page
background image
CS47L85
336
Rev 4.3
from the MICVDD pin, and use the internal bandgap circuit as a reference.
In Regulator mode, the MICBIAS regulators are designed to operate without external decoupling capacitors. The regulators
can be configured to support a capacitive load if required, using the MICBn_EXT_CAP register bits. (This may be appropriate
for a digital microphone supply.) It is important that the external capacitance is compatible with the applicable
MICBn
_EXT_CAP setting. The compatible load conditions are detailed in the “Electrical Characteristics” section.
In Bypass mode (MICBn_BYPASS=1), the output pin (MICBIASn) is connected directly to MICVDD. This enables a low
power operating state. Note that the MICBn_EXT_CAP register settings are not applicable in Bypass mode; there are no
restrictions on the external MICBIAS capacitance in Bypass mode.
The MICBIAS generators incorporate a pop-free control circuit to ensure smooth transitions when the MICBIAS outputs are
enabled or disabled in Bypass mode; this feature is enabled using the MICBn_RATE registers.
The MICBIAS generators are illustrated in Figure 86. The MICBIAS control register bits are descrbed in Table 129.
The maximum output current for each MICBIASn
pin is noted in the “Electrical Characteristics”. This limit must be observed
on each MICBIAS output, especially if more than one microphone is connected to a single MICBIAS pin. Note that the
maximum output current differs between Regulator mode and Bypass mode.
VOLTAGE REFERENCE CIRCUIT
The CS47L85 incorporates a voltage reference circuit, powered by AVDD. This circuit ensures the accuracy of the LDO
Regulator and MICBIAS voltage settings.
LDO1 REGULATOR AND DCVDD SUPPLY
The LDO1 voltage regulator is powered by LDOVDD, and is intended for generating the DCVDD domain, which powers the
digital core functions on the CS47L85. In this configuration, the LDO output (LDOVOUT) should be connected to the DCVDD
pin. Note that the use of the LDO1 regulator to power external circuits cannot be supported by the CS47L85.
LDO1 is enabled when a
logic ‘1’ is applied to the LDOENA pin. The logic level is determined with respect to the DBVDD1
voltage domain.
When LDO1 is disabled, the LDOVOUT pin can be configured to be floating or to be actively discharged. This is selected
using the LDO1_DISCH register bit.
It is possible to supply DCVDD from an external supply. In this configuration, the LDOVOUT pin should be left floating: it
must not be connected to the DCVDD pin. The LDO1 regulator is not used in this case, and must be disabled at all times.
An internal pull-down resistor is enabled by default on the LDOENA pin. This is configurable using the LDO1ENA_PD register
bit. A pull-up resistor is also available, as described in Table 129. When the pull-up and pull-down resistors are both enabled,
the CS47L85
provides a ‘bus keeper’ function on the LDOENA pin. The bus keeper function holds the input logic level
unchanged whenever the external circuit removes the drive (e.g., if the signal is tri-stated).
If DCVDD is powered from LDO1, then a logic ‘1’ must be applied to the LDOENA pin during power-up, to enable LDO1.
The LDO must also be enabled using the LDOENA pin following a Hardware Reset or Software Reset, to allow the device
to re-
start. (It is recommended that the LDOENA pin is asserted before any reset, and is held at logic ‘1’ until after the reset
is complete; this ensures the DSP6 firmware memory contents can be retained, and also allows faster reset time.)
For normal operation following Power-On Reset (POR), Hardware Reset, or Software Reset, LDO1 must be enabled using
the LDOENA pin. The ‘bus keeper’ function can be used during normal operation to keep LDO1 enabled without actively
driving the LDOENA pin. Note that the LDOENA pin must always be actively driven following a reset, as the bus keeper
function will be disabled in this case.
See “Power-On Reset (POR)” and “Hardware Reset, Software Reset, Wake-Up, and Device ID” for details of CS47L85
Resets. See also “Low Power Sleep Configuration” for details of the Sleep / Wake-up functions.
The LDO1 Regulator circuit is illustrated in Figure 86. The associated register control bits are described in Table 129.
Note that the LDO output requires an external decoupling capacitor; this requirement is typically achieved via decoupling on
the DCVDD pins. Refer to the
“Applications Information” section for recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com