Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 27Page - Texas Instruments AM2634 Datasheet HTML 28Page - Texas Instruments AM2634 Datasheet HTML 29Page - Texas Instruments AM2634 Datasheet HTML 30Page - Texas Instruments AM2634 Datasheet HTML 31Page - Texas Instruments AM2634 Datasheet HTML 32Page - Texas Instruments AM2634 Datasheet HTML 33Page - Texas Instruments AM2634 Datasheet HTML 34Page - Texas Instruments AM2634 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 164 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [15]/
ADDRESS [16]/
DEFAULT VALUE [17]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
IO
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
PULL
TYPE
[13]
B15
SDFM0_CLK2
SDFM0_CLK2_CFG_REG
0x5310 01F8
0x0000 05F7
UART5_TXD
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
I2C3_SCL
5
IOD
GPMC0_ADVn_ALE
6
O
GPIO126
7
IO
SDFM0_CLK2
8
I
A15
SDFM0_CLK3
SDFM0_CLK3_CFG_REG
0x5310 0200
0x0000 05F7
MCAN3_TX
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_RXD
1
I
GPIO128
7
IO
SDFM0_CLK3
8
I
D14
SDFM0_D0
SDFM0_D0_CFG_REG
0x5310 01EC
0x0000 05F7
PR0_ECAP0_APWM_OUT
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO123
7
IO
SDFM0_D0
8
I
D13
SDFM0_D1
SDFM0_D1_CFG_REG
0x5310 01F4
0x0000 05F7
PR0_PRU1_GPIO17
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_CTSn
2
I
PR0_IEP0_EDIO_DATA_IN_OUT30
3
IO
GPIO125
7
IO
SDFM0_D1
8
I
C13
SDFM0_D2
SDFM0_D2_CFG_REG
0x5310 01FC
0x0000 05F7
UART5_RXD
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO127
7
IO
SDFM0_D2
8
I
C14
SDFM0_D3
SDFM0_D3_CFG_REG
0x5310 0204
0x0000 05F7
MCAN3_RX
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO129
7
IO
SDFM0_D3
8
I
A11
SPI0_CLK
SPI0_CLK_CFG_REG
0x5310 0030
0x0000 05D7
SPI0_CLK
0
IO
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_TXD
1
O
LIN3_TXD
2
IO
FSITX0_CLK
6
O
GPIO12
7
IO
SOP2
Bootstrap
0
A10
SPI1_CLK
SPI1_CLK_CFG_REG
0x5310 0040
0x0000 05F7
SPI1_CLK
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART4_RXD
1
I
LIN4_RXD
2
IO
XBAROUT2
5
O
FSIRX0_CLK
6
I
GPIO16
7
IO
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com