Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 52Page - Texas Instruments AM2634 Datasheet HTML 53Page - Texas Instruments AM2634 Datasheet HTML 54Page - Texas Instruments AM2634 Datasheet HTML 55Page - Texas Instruments AM2634 Datasheet HTML 56Page - Texas Instruments AM2634 Datasheet HTML 57Page - Texas Instruments AM2634 Datasheet HTML 58Page - Texas Instruments AM2634 Datasheet HTML 59Page - Texas Instruments AM2634 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 164 page
background image
Table 6-80. SPI2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI2_D1
IO
SPI Data 1
A8
Table 6-81. SPI3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI3_CLK
IO
SPI Clock
C8
SPI3_CS0
IO
SPI Chip Select 0
D7
SPI3_D0
IO
SPI Data 0
C7
SPI3_D1
IO
SPI Data 1
B7
Table 6-82. SPI4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI4_CLK
IO
SPI Clock
B14, L1
SPI4_CS0
IO
SPI Chip Select 0
A14, M1
SPI4_CS1
IO
SPI Chip Select 1
K2
SPI4_D0
IO
SPI Data 0
C12, L2
SPI4_D1
IO
SPI Data 1
D11, K1
6.3.17 MMC
Table 6-83. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
MMC0_CD
I
MMC/SD Card Detect
A5
MMC0_CLK
IO
MMC/SD Clock
B6
MMC0_CMD
IO
MMC/SD Command
A4
MMC0_WP
I
MMC/SD Write Protect
C6
MMC0_D0
IO
MMC/SD Data
B5
MMC0_D1
IO
MMC/SD Data
B4
MMC0_D2
IO
MMC/SD Data
A3
MMC0_D3
IO
MMC/SD Data
A2
6.3.18 Power Supply
Table 6-84. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
VDD
PWR
1.2V Core supply
E11, E9, F11, F9,
G13, G14, G5, G6,
K13, K14, K5, K6,
N13, N14, N5, N6,
R9
VDDA18
PWR
1.8V Analog supply
R11, R8
VDDA18_LDO (1) (2)
PWR
1.8V Analog LDO Output
R6
VDDA18_OSC_PLL
PWR
1.8V OSC PLL supply
R4
VDDA33
PWR
3.3V Analog supply
P11, P7, P9
VDDAR1
PWR
1.2V SRAM Array supply
J15
VDDAR2
PWR
1.2V SRAM Array supply
D10
VDDAR3
PWR
1.2V SRAM Array supply
H3
VDDS18
PWR
1.8V IO supply
D6, E15, L4, N15
VDDS18_LDO (1) (3)
PWR
1.8V Digital LDO Output
T3
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com