Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 59Page - Texas Instruments AM2634 Datasheet HTML 60Page - Texas Instruments AM2634 Datasheet HTML 61Page - Texas Instruments AM2634 Datasheet HTML 62Page - Texas Instruments AM2634 Datasheet HTML 63Page - Texas Instruments AM2634 Datasheet HTML 64Page - Texas Instruments AM2634 Datasheet HTML 65Page - Texas Instruments AM2634 Datasheet HTML 66Page - Texas Instruments AM2634 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 164 page
background image
6.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and package balls that may be unused.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions.
For additional clarification, "leave unconnected" or "no connect" (NC) mean no signal traces should be
connected to these device ball numbers.
Table 6-107. Pin Connectivity Requirements
BALL NUMBER
BALL NAME
PIN CONNECTIVITY REQUIREMENTS
D4
SAFETY_ERRORn
Each of these balls must be connected to ground (VSS) through separate
external pull resistors to ensure they are held to a valid logic low level if a
PCB signal trace is connected and not actively driven by an attached device.
The internal pull-down may be used to hold a valid logic low level if no PCB
signal trace is connected to the ball.
B3
C5
D5
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure these balls are held to
a valid logic high level if a PCB signal trace is connected and not actively
driven by an attached device. The internal pull-up may be used to hold a
valid logic high level if no PCB signal trace is connected to the ball.
A13
B13
I2C0_SCL
I2C0_SDA
Each of these balls must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure these balls are held to a
valid logic high level.
N1
N4
A11
C10
QSPI0_D0 (SOP0)
QSPI0_D1
SPI0_CLK (SOP2)
SPI0_D0 (SOP3)
Each of these balls must be connected to the corresponding power supply(1)
or ground (VSS) through separate external pull resistors to ensure these
balls are held to a valid logic high or low level as appropriate to select the
desired device boot mode.
ADC ZCZ PIN
ADC[0:4]_AIN[0:5]
Any unused ADCx_AINy input ball for any ADC instance (ADC[0:4]_AIN[0:5])
must be connected (shorted) directly to ground (VSS).
U16
T15
ADC_CAL0
ADC_CAL1
If all ADCx_AINy inputs for all ADC instances (ADC[0:4]_AIN[0:5]) are not
used, the ADC_CAL[0:1] analog ball must be connected (shorted) directly to
ground (VSS).
U2
VSYS_MON
If VSYS_MON is not used, this ball may be connected (shorted) directly to
ground (VSS).
LVCMOS ZCZ PIN
Any LVCMOS Voltage Buffer
Pin
If a pin has an associated IOMUX Pad Configuration Registration then the
ball may remain unconnected. After PORz, the LVCMOS voltage buffer is
configured to a default state compatible with an unconnected ball.
(1)
To determine which power supply is associated with any IO, see POWER column of the Pin Attributes table.
Note
Internal pull resistors are weak and may not source enough current to maintain a valid logic level for
some operating conditions. This may be the case when connected to components with leakage to the
opposite logic level, or when external noise sources couple to signal traces attached to balls which
are only pulled to a valid logic level by the internal resistor. Therefore, external pull resistors may be
required to hold a valid logic level on balls with external connections.
If balls are allowed to float between valid logic levels, the input buffer may enter a high-current state
which could damage the IO cell.
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com