Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 1 Page - Texas Instruments

  AM2634 Datasheet HTML 1Page - Texas Instruments AM2634 Datasheet HTML 2Page - Texas Instruments AM2634 Datasheet HTML 3Page - Texas Instruments AM2634 Datasheet HTML 4Page - Texas Instruments AM2634 Datasheet HTML 5Page - Texas Instruments AM2634 Datasheet HTML 6Page - Texas Instruments AM2634 Datasheet HTML 7Page - Texas Instruments AM2634 Datasheet HTML 8Page - Texas Instruments AM2634 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
AM263x Sitara™ Microcontrollers
1 Features
Processor Cores:
• Single, dual, and quad-core Arm® Cortex®-R5F
MCU with each core running up to 400 MHz
– 16KB I-cache with 64-bit ECC per CPU core
– 16KB D-cache with 32-bit ECC per CPU core
– 64KB Tightly-Coupled Memory (TCM) with 32-
bit ECC per CPU core
– Lockstep or Dual-core capable clusters
Memory Subsystem:
• 2MB of On-Chip RAM (OCSRAM)
– 4 Banks x 512KB
– ECC error protection
– Internal DMA engine support
System on Chip (SoC) Services and Architecture:
• 1x EDMA to support data movement functions
• Device Boot supported from the following
interfaces:
– UART (Primary/Backup)
– QSPI NOR Flash (4S/1S) (Primary)
• Interprocessor communication modules
– SPINLOCK module for synchronizing
processes running on multiple cores
– MAILBOX functionality implemented through
CTRLMMR registers
• Central Platform Time Sync (CPTS) support with
time-sync and compare-event interrupt routers
Media and Data Storage:
• 1x 4-bit Multi-Media Card/Secure Digital
(MMC/SD) interface
• General-Purpose Memory Controller (GPMC)
– 16-bit parallel data bus with 22-bit address bus
– Up to 4MB addressable memory space
– Integrated Error Location Module (ELM)
support for error checking
General Connectivity:
• 6x Universal Asynchronous RX-TX (UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 5x Local Interconnect Network (LIN) ports
• 4x Inter-Integrated Circuit (I2C) ports
• 4x Modular Controller Area Network (MCAN)
modules with CAN-FD support
• 1x Quad Serial Peripheral Interface (QSPI)
• 4x Fast Serial Interface Transmitters (FSITX)
• 4x Fast Serial Interface Receivers (FSIRX)
• Up to 140 General-Purpose I/O (GPIO) pins
Sensing & Actuation:
• Real-time Control Subsystem (CONTROLSS)
• Flexible Input/Output Crossbars (XBAR)
• 5x 12-bit Analog-to-Digital Converters (ADC)
– 6-input SAR ADC up to 4 MSPS
• 6x Single-ended channels OR
• 3x Differential channels
– Highly Configurable ADC Digital Logic
• XBAR Start of Conversion Triggers (SOC)
• User-defined Sample and Hold (S+H)
• Flexible Post-Processing Blocks (PPB)
• 10x Analog Comparators with Type-A
programmable DAC reference (CMPSSA)
• 10x Analog Comparators with Type-B
programmable DAC reference (CMPSSB)
• 1x 12-bit Digital-to-Analog Converter (DAC)
• 32x Pulse Width Modulation (EPWM) modules
– Single or Dual PWM channels
– Advanced PWM Configurations
– Extended HRPWM time resolution
• 10x Enhanced Capture (ECAP) modules
• 3x Enhanced Quadrature Encoder Pulse (EQEP)
modules
• 2x 4-Ch Sigma-Delta Filter Modules (SDFM)
• Additional Signal-multiplex Crossbars (XBAR)
Industrial Connectivity:
• Programmable Real-Time Unit (PRU-SS) and
PRU-Industrial Communication Subsystem (PRU-
ICSS)
– Dual core Programmable Realtime Unit
Subsystem (PRU0 / PRU1)
• Deterministic Hardware
• Dynamic Firmware
– 20-channel enhanced input (eGPI) per PRU
– 20-channel enhanced output (eGPO) per PRU
– Embedded Peripherals and Memory
• 1x UART, 1x ECAP
• 1x MDIO, 1x IEP,
• 1x 32KB Shared General Purpose RAM
• 2x 8KB Shared Data RAM
• 1x 12KB IRAM per PRU
• ScratchPad (SPAD), MAC/CRC
– Digital encoder and sigma-delta control loops
– The PRU-ICSS enables advanced industrial
protocols including:
• EtherCAT®, Ethernet/IP™,
• PROFINET®, IO-Link® for order
– Dedicated Interrupt Controller (INTC)
– Dynamic CONTROLSS XBAR Integration
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM2634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2634 TI-AM2634 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634-Q1 TI-AM2634-Q1 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2634-Q1 TI-AM2634-Q1 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634CODFHAZCZR TI-AM2634CODFHAZCZR Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
More results

Similar Description - AM2634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com