Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 51Page - Texas Instruments AM2634 Datasheet HTML 52Page - Texas Instruments AM2634 Datasheet HTML 53Page - Texas Instruments AM2634 Datasheet HTML 54Page - Texas Instruments AM2634 Datasheet HTML 55Page - Texas Instruments AM2634 Datasheet HTML 56Page - Texas Instruments AM2634 Datasheet HTML 57Page - Texas Instruments AM2634 Datasheet HTML 58Page - Texas Instruments AM2634 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 164 page
background image
Table 6-73. LIN4 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
LIN4_TXD
IO
LIN Transmit Data
C12, C9
6.3.15 MCAN
Table 6-74. MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
MCAN0_RX
I
MCAN Receive Data
M1
MCAN0_TX
O
MCAN Transmit Data
L1
Table 6-75. MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
MCAN1_RX
I
MCAN Receive Data
L2
MCAN1_TX
O
MCAN Transmit Data
K1
Table 6-76. MCAN2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
MCAN2_RX
I
MCAN Receive Data
A12
MCAN2_TX
O
MCAN Transmit Data
B12
Table 6-77. MCAN3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
MCAN3_RX
I
MCAN Receive Data
B7, C14
MCAN3_TX
O
MCAN Transmit Data
A15, C7
6.3.16 SPI (MCSPI)
Table 6-78. SPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI0_CLK (1)
IO
SPI Clock (SOP2)
A11
SPI0_CS0
IO
SPI Chip Select 0
C11
SPI0_CS1
IO
SPI Chip Select 1
B7
SPI0_D0 (2)
IO
SPI Data 0 (SOP3)
C10
SPI0_D1
IO
SPI Data 1
B11
(1)
The SPI0_CLK pin is also used as SOP2 bootmode configuration pin.
(2)
The SPI0_D0 pin is also used as SOP3 bootmode configuration pin.
Table 6-79. SPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI1_CLK
IO
SPI Clock
A10
SPI1_CS0
IO
SPI Chip Select 0
C9
SPI1_D0
IO
SPI Data 0
B10
SPI1_D1
IO
SPI Data 1
D9
Table 6-80. SPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SPI2_CLK
IO
SPI Clock
B9
SPI2_CS0
IO
SPI Chip Select 0
A9
SPI2_D0
IO
SPI Data 0
B8
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com