Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 55Page - Texas Instruments AM2634 Datasheet HTML 56Page - Texas Instruments AM2634 Datasheet HTML 57Page - Texas Instruments AM2634 Datasheet HTML 58Page - Texas Instruments AM2634 Datasheet HTML 59Page - Texas Instruments AM2634 Datasheet HTML 60Page - Texas Instruments AM2634 Datasheet HTML 61Page - Texas Instruments AM2634 Datasheet HTML 62Page - Texas Instruments AM2634 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 164 page
background image
6.3.20 QSPI
Table 6-90. QSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
QSPI0_CLK
O
QSPI Clock
N2
QSPI0_CLKLB (3)
IO
QSPI Clock Loopback
LB
QSPI0_CSn0
O
QSPI Chip Select 0
P1
QSPI0_CSn1
O
QSPI Chip Select 1
R3
QSPI0_D0 (1)
IO
QSPI Data bit 0 (SOP0)
N1
QSPI0_D1 (2)
I
QSPI Data bit 1 (SOP1)
N4
QSPI0_D2
I
QSPI Data bit 2
M4
QSPI0_D3
I
QSPI Data bit 3
P3
(1)
The QSPI0_D0 pin is also used as SOP0 boot mode configuration pin.
(2)
The QSPI0_D1 pin is also used as SOP1 boot mode configuration pin.
(3)
QSPI0_CLKLB is a clock loopback signal used internally for retiming purposes.
6.3.21 Reserved
Table 6-91. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
RSVD_J16
RSVD
Reserved (RSVD_J16). This pin must be connected to 1.2 V
supply (VDD).
J16
RSVD_T4
RSVD
Reserved (RSVD_T4). This pin must be connected to ground
(VSS).
T4
RSVD_U1
RSVD
Reserved (RSVD_U1). This pin must be connected to ground
(VSS).
U1
RSVD_U3
RSVD
Reserved (RSVD_U3). This pin must be left unconnected.
U3
RSVD_V2
RSVD
Reserved (RSVD_V2). This pin must be left unconnected.
V2
6.3.22 SDFM
Table 6-92. SDFM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SDFM0_CLK0
I
SDFM Clock 0 Input
B16
SDFM0_CLK1
I
SDFM Clock 1 Input
A16
SDFM0_CLK2
I
SDFM Clock 2 Input
B15
SDFM0_CLK3
I
SDFM Clock 3 Input
A15
SDFM0_D0
I
SDFM Data 0 Input
D14
SDFM0_D1
I
SDFM Data 1 Input
D13
SDFM0_D2
I
SDFM Data 2 Input
C13
SDFM0_D3
I
SDFM Data 3 Input
C14
Table 6-93. SDFM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SDFM1_CLK0
I
SDFM Clock 0 Input
B14, B6
SDFM1_CLK1
I
SDFM Clock 1 Input
B5, C12
SDFM1_CLK2 (1)
ID
SDFM Clock 2 Input
A3, B13
SDFM1_CLK3 (2)
ID
SDFM Clock 3 Input
A13, C6
SDFM1_D0
I
SDFM Data 0 Input
A14, A4
SDFM1_D1
I
SDFM Data 1 Input
B4, D11
SDFM1_D2
I
SDFM Data 2 Input
A2, B12
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com