Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 48Page - Texas Instruments AM2634 Datasheet HTML 49Page - Texas Instruments AM2634 Datasheet HTML 50Page - Texas Instruments AM2634 Datasheet HTML 51Page - Texas Instruments AM2634 Datasheet HTML 52Page - Texas Instruments AM2634 Datasheet HTML 53Page - Texas Instruments AM2634 Datasheet HTML 54Page - Texas Instruments AM2634 Datasheet HTML 55Page - Texas Instruments AM2634 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
Table 6-64. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
GPMC0_A2
O
GPMC Address 2 Output in A/D non-multiplexed mode and
Address 18 in A/D multiplexed mode
K18
GPMC0_A3
O
GPMC Address 3 Output in A/D non-multiplexed mode and
Address 19 in A/D multiplexed mode
J18
GPMC0_A4
O
GPMC Address 4 Output in A/D non-multiplexed mode and
Address 20 in A/D multiplexed mode
J17
GPMC0_A5
O
GPMC Address 5 Output in A/D non-multiplexed mode and
Address 21 in A/D multiplexed mode
H18
GPMC0_A6
O
GPMC Address 6 Output in A/D non-multiplexed mode and
Address 22 in A/D multiplexed mode
L16
GPMC0_A7
O
GPMC Address 7 Output in A/D non-multiplexed mode and
Address 23 in A/D multiplexed mode
M16
GPMC0_A8
O
GPMC Address 8 Output in A/D non-multiplexed mode and
Address 24 in A/D multiplexed mode
M15
GPMC0_A9
O
GPMC Address 9 Output in A/D non-multiplexed mode and
Address 25 in A/D multiplexed mode
H17
GPMC0_A10
O
GPMC Address 10 Output in A/D non-multiplexed mode and
Address 26 in A/D multiplexed mode
H16
GPMC0_A11
O
GPMC Address 11 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
E16
GPMC0_A12
O
GPMC Address 12 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
F16
GPMC0_A13
O
GPMC Address 13 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
F18
GPMC0_A14
O
GPMC Address 14 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
G16
GPMC0_A15
O
GPMC Address 15 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
E17
GPMC0_A16
O
GPMC Address 16 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
E18
GPMC0_A17
O
GPMC Address 17 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
C16
GPMC0_A18
O
GPMC Address 18 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
A17
GPMC0_A19
O
GPMC Address 19 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
B18
GPMC0_A20
O
GPMC Address 20 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
B17
GPMC0_A21
O
GPMC Address 21 Output in A/D non-multiplexed mode and
unused in A/D multiplexed mode
D16
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-multiplexed mode and
additionally Address 1 Output in A/D multiplexed mode
K4
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-multiplexed mode and
additionally Address 2 Output in A/D multiplexed mode
K3
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-multiplexed mode and
additionally Address 3 Output in A/D multiplexed mode
V17
GPMC0_AD3
IO
GPMC Data 3 Input/Output in A/D non-multiplexed mode and
additionally Address 4 Output in A/D multiplexed mode
T16
GPMC0_AD4
IO
GPMC Data 4 Input/Output in A/D non-multiplexed mode and
additionally Address 5 Output in A/D multiplexed mode
P15
GPMC0_AD5
IO
GPMC Data 5 Input/Output in A/D non-multiplexed mode and
additionally Address 6 Output in A/D multiplexed mode
R16
GPMC0_AD6
IO
GPMC Data 6 Input/Output in A/D non-multiplexed mode and
additionally Address 7 Output in A/D multiplexed mode
L3
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com