Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 64Page - Texas Instruments AM2634 Datasheet HTML 65Page - Texas Instruments AM2634 Datasheet HTML 66Page - Texas Instruments AM2634 Datasheet HTML 67Page - Texas Instruments AM2634 Datasheet HTML 68Page - Texas Instruments AM2634 Datasheet HTML 69Page - Texas Instruments AM2634 Datasheet HTML 70Page - Texas Instruments AM2634 Datasheet HTML 71Page - Texas Instruments AM2634 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 164 page
background image
7.8 Electrical Characteristics
Note
The interfaces or signals described in Section 7.8.1 Digital and Analog IO Electrical Characteristics
through Section 7.8.6 Power Management Unit (PMU) correspond to the interfaces or signals
available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.8.1 Digital and Analog IO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
PORz IO
VIH
High-Level Input Voltage
1.35
V
VIL
Low-Level Input Voltage
0.5
V
VHYS
Hysteresis Voltage at an Input
0.070
V
IL
Input Leakage Current
–2
2
μA
Warm Reset IO
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.8
V
VHYS
Hysteresis Voltage at an Input
0.347
V
VOL
Low Level Output Voltage, Driver Enabled : IOL = 6 mA
0.1
× VDDS33(1)
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–57
μA
TCK IO
VIH
High-Level Input Voltage
2.15
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.4
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–3.9
8.9
17.2
μA
Input Leakage Current, Receiver Disabled, Pullup Enabled
106.9
128.2
μA
Input Leakage Current, Receiver Disabled, Pulldown Enabled
100.3
130.3
μA
I2C OD IOs
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.8
V
VHYS
Hysteresis Voltage at an Input
0.165
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–18
18
μA
VOL
Low Level Output Voltage, Driver Enabled : IOL = 3 mA
0.1
× VDDS33(1)
V
All Other LVCMOS
VIH
High- Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.8
V
VHYS
Hysteresis Voltage at an Input
0.265
V
VOL
Low Level Output Voltage, Driver Enabled : IOL = 6 mA
0.1
× VDDS33(1)
V
VOH
High Level Output Voltage, Driver Enabled : IOH = 6 mA
0.9
× VDDS33(1)
V
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com