Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 57Page - Texas Instruments AM2634 Datasheet HTML 58Page - Texas Instruments AM2634 Datasheet HTML 59Page - Texas Instruments AM2634 Datasheet HTML 60Page - Texas Instruments AM2634 Datasheet HTML 61Page - Texas Instruments AM2634 Datasheet HTML 62Page - Texas Instruments AM2634 Datasheet HTML 63Page - Texas Instruments AM2634 Datasheet HTML 64Page - Texas Instruments AM2634 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 164 page
background image
Note
The SAFETY_ERRORn signal is implemented on an LVCMOS voltage buffer pin can be configured
to operate as open-drain outputs by configuring the ESM module to source a constant low output and
toggle the output enable. The output buffer drives low when enabled and is high impedance when
disabled.
The (I2C OD FS) are the only IO voltage buffers which are fail-safe. These are implemented for I2C0
pins only. Other IOs do not allow any potential greater than (VDD + 0.3V) to be applied. This means
you cannot source any potential to these pins when power is off. All attached devices that can source
a potential to these IOs must be powered from the same power supply that is sourcing the respective
IO power rail.
6.3.23.4 VMON
Table 6-99. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
VSYS_MON (1)
PWR
External Voltage Monitor with 0.9 V (+/-3%) setpoint.
U2
(1)
See the Electrical Specifications - Safety Comparators section for additional details on this pin.
6.3.24 UART
Table 6-100. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A5, B7
UART0_RTSn
O
UART Request to Send (active low)
C6, C7
UART0_RXD
I
UART Receive Data
A7, B6
UART0_TXD
O
UART Transmit Data
A4, A6
Table 6-101. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
G4
UART1_DCDn
I
UART Data Carrier Detect (Active Low)
J4
UART1_DSRn
I
UART Data Set Ready (Active Low)
V17
UART1_DTRn
O
UART Data Terminal Ready (Active Low)
K3
UART1_RIn
I
UART Ring Indicator
K4
UART1_RTSn
O
UART Request to Send (active low)
B12, J2
UART1_RXD
I
UART Receive Data
A9, L3
UART1_TXD
O
UART Transmit Data
B9, M3
Table 6-102. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
H1
UART2_RTSn
O
UART Request to Send (active low)
A12, J3
UART2_RXD
I
UART Receive Data
B5, B8
UART2_TXD
O
UART Transmit Data
A3, A8
Table 6-103. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
K2
UART3_RTSn
O
UART Request to Send (active low)
A2, J1
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com