Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 56Page - Texas Instruments AM2634 Datasheet HTML 57Page - Texas Instruments AM2634 Datasheet HTML 58Page - Texas Instruments AM2634 Datasheet HTML 59Page - Texas Instruments AM2634 Datasheet HTML 60Page - Texas Instruments AM2634 Datasheet HTML 61Page - Texas Instruments AM2634 Datasheet HTML 62Page - Texas Instruments AM2634 Datasheet HTML 63Page - Texas Instruments AM2634 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 164 page
background image
Table 6-93. SDFM1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SDFM1_D3
I
SDFM Data 3 Input
A12, A5
(1)
SDFM1_CLK2 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
SDFM1_CLK3 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
6.3.23 System and Miscellaneous
6.3.23.1 Boot Mode Configuration
Table 6-94. Boot Mode Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
SOP0
0
Boot Mode configuration bit 0 (QSPI0_D0)
N1
SOP1
0
Boot Mode configuration bit 1 (QSPI0_D1)
N4
SOP2
0
Boot Mode configuration bit 2 (SPI0_CLK)
A11
SOP3
0
Boot Mode configuration bit 3 (SPI0_D0)
C10
6.3.23.2 Clocking
Table 6-95. XTAL Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
XTAL_XI (1)
I
External Crystal (XTAL) Input
T1
XTAL_XO (1)
O
External Crystal (XTAL) Output
R1
(1)
The XTAL interface requires a 25 MHz clock source.
Table 6-96. Output Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
CLKOUT0
O
Output Clock 0
M2
CLKOUT1
O
Output Clock 1
B16
Table 6-97. External Reference Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EXT_REFCLK0
I
External Reference Clock Input
P2
6.3.23.3 SYSTEM
Table 6-98. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
PORz
I
Device Power-On (PORz) cold reset
R2
SAFETY_ERRORn
OD
ESM Safety Error Signal
D4
WARMRSTn
IO
Warm Reset Request (Input) / Warm Reset Status (Output)
C3
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com