Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 41Page - Texas Instruments AM2634 Datasheet HTML 42Page - Texas Instruments AM2634 Datasheet HTML 43Page - Texas Instruments AM2634 Datasheet HTML 44Page - Texas Instruments AM2634 Datasheet HTML 45Page - Texas Instruments AM2634 Datasheet HTML 46Page - Texas Instruments AM2634 Datasheet HTML 47Page - Texas Instruments AM2634 Datasheet HTML 48Page - Texas Instruments AM2634 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 164 page
background image
Table 6-34. EPWM14 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM14_B
O
EPWM Output B
T16
Table 6-35. EPWM15 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM15_A
O
EPWM Output A
P15
EPWM15_B
O
EPWM Output B
R16
Table 6-36. EPWM16 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM16_A
O
EPWM Output A
L3
EPWM16_B
O
EPWM Output B
M3
Table 6-37. EPWM17 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM17_A
O
EPWM Output A
B6
EPWM17_B
O
EPWM Output B
A4
Table 6-38. EPWM18 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM18_A
O
EPWM Output A
B5
EPWM18_B
O
EPWM Output B
B4
Table 6-39. EPWM19 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM19_A
O
EPWM Output A
A3
EPWM19_B
O
EPWM Output B
A2
Table 6-40. EPWM20 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM20_A
O
EPWM Output A
C6
EPWM20_B
O
EPWM Output B
A5
Table 6-41. EPWM21 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM21_A
O
EPWM Output A
L17
EPWM21_B
O
EPWM Output B
L18
Table 6-42. EPWM22 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM22_A
O
EPWM Output A
G17
EPWM22_B
O
EPWM Output B
F17
Table 6-43. EPWM23 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
EPWM23_A
O
EPWM Output A
G18
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com