Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 63Page - Texas Instruments AM2634 Datasheet HTML 64Page - Texas Instruments AM2634 Datasheet HTML 65Page - Texas Instruments AM2634 Datasheet HTML 66Page - Texas Instruments AM2634 Datasheet HTML 67Page - Texas Instruments AM2634 Datasheet HTML 68Page - Texas Instruments AM2634 Datasheet HTML 69Page - Texas Instruments AM2634 Datasheet HTML 70Page - Texas Instruments AM2634 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 164 page
background image
7.7 Power Consumption Summary
Section 7.7.1, Power Consumption - Maximum shows the maximum current consumed by each rail and should
be used for power supply selection. Section 7.7.2, Power Consumption - Typical shows the typical power
consumption by Module. Section 7.7.3, Power Consumption - Traction Inverter shows the nominal power
consumption of the SoC at different Junction Temperatures for a Traction Inverter application.
For application specific power usage estimates, reference the AM263x Power Estimation Tool Application
Note.
7.7.1 Power Consumption - Maximum
over recommended operating conditions (unless otherwise noted)
SUPPLY NAME
PARAMETER
MIN
MAX(1)
UNIT
VDD + VDDARn
Maximum Current Rating for Core Domain
2.5
A
VDDS33
Maximum Current Rating for IO supply
200
mA
VDDA33
Maximum Current Rating for 3.3-V Analog supply
100
mA
(1)
The maximum values show the maximum possible current needed for each power rail, and are only intended for power supply
selection. For power consumption in typical applications, see Power Consumption - Typical.
7.7.2 Power Consumption - Typical
Typical usecase power consumption summary, TJ = 85℃
PARAMETER
MIN
TYP
MAX
UNIT
Power Consumption
Cores and Memory
360
mW
Infrastructure
424
mW
Peripherals
258
mW
Total
1042
mW
7.7.3 Power Consumption - Traction Inverter
Traction Inverter Application Power Consumption Across Temperature
PARAMETER
MIN
TYP
MAX
UNIT
Power Consumption
TJ = 85℃
1042
mW
TJ = 105℃
1120
mW
TJ = 125℃
1232
mW
TJ = 150℃
1460
mW
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com