Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 24Page - Texas Instruments AM2634 Datasheet HTML 25Page - Texas Instruments AM2634 Datasheet HTML 26Page - Texas Instruments AM2634 Datasheet HTML 27Page - Texas Instruments AM2634 Datasheet HTML 28Page - Texas Instruments AM2634 Datasheet HTML 29Page - Texas Instruments AM2634 Datasheet HTML 30Page - Texas Instruments AM2634 Datasheet HTML 31Page - Texas Instruments AM2634 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 164 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [15]/
ADDRESS [16]/
DEFAULT VALUE [17]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
IO
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
PULL
TYPE
[13]
R3
QSPI0_CSn1
QSPI0_CSn1_CFG_REG
0x5310 0004
0x0000 05F7
QSPI0_CSn1
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
XBAROUT0
5
O
GPIO1
7
IO
N1
QSPI0_D0
QSPI0_D0_CFG_REG
0x5310 000C
0x0000 05D7
QSPI0_D0
0
IO
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO3
7
IO
SOP0
Bootstrap
0
N4
QSPI0_D1
QSPI0_D1_CFG_REG
0x5310 0010
0x0000 05D7
QSPI0_D1
0
I
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO4
7
IO
SOP1
Bootstrap
0
M4
QSPI0_D2
QSPI0_D2_CFG_REG
0x5310 0014
0x0000 05F7
QSPI0_D2
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO5
7
IO
P3
QSPI0_D3
QSPI0_D3_CFG_REG
0x5310 0018
0x0000 05F7
QSPI0_D3
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO6
7
IO
R17
RGMII1_RXC
RGMII1_RXC_CFG_REG
0x5310 0074
0x0000 05F7
RGMII1_RXC
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_REF_CLK
1
IO
MII1_RXCLK
2
I
FSITX0_CLK
6
O
GPIO29
7
IO
EQEP2_A
8
I
R18
RGMII1_RX_CTL
RGMII1_RX_CTL_CFG_REG
0x5310 0078
0x0000 05F7
RGMII1_RX_CTL
0
I
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_RX_ER
1
I
MII1_RXDV
2
I
FSITX0_DATA0
6
O
GPIO30
7
IO
EQEP2_B
8
I
N18
RGMII1_TXC
RGMII1_TXC_CFG_REG
0x5310 008C
0x0000 05F7
RGMII1_TXC
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_TXCLK
2
I
FSITX1_CLK
6
O
GPIO35
7
IO
EQEP0_I
8
IO
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com