Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 45Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
41
www.emmicroelectronic.com
10. Interrupt Controller
The EM6821 has 12 different interrupt request sources, each of which is maskable. Five of them come from
external sources and seven from internal sources.
External(4)
- Port A,
PA[3] .. PA[0] inputs
- Serial Interface
Internal(8)
- Prescaler
Ck[1], Blink, 32Hz/8Hz
- Melody timer
- Serial Interface
- Millisecond-Counter 1/10Sec or 1Sec
- 10-bit Counter
Count0, CountComp
To be able to send an interrupt to the CPU, at least one of the interrupt request flags must ‘1’ (IRQxx) and the
general interrupt enable bit IntEn located in the register RegSysCntl1 must be set to 1. The interrupt request
flags can only be set high by a positive edge on the IRQxx data flip-flop while the corresponding mask register
bit (MaskIRQxx) is set to 1.
At power on or after any reset all interrupt request mask registers are cleared and therefore do not allow any
interrupt request to be stored. Also the general interrupt enable IntEn is set to 0 (No IRQ to CPU) by reset.
After each read operation on the interrupt request registers RegIRQ1, RegIRQ2 or RegIRQ3 the contents of
the addressed register are reset. Therefore one has to make a copy of the interrupt request register if there
was more than one interrupt to treat. Each interrupt request flag may also be reset individually by writing 1 into
it .
Interrupt handling priority must be resolved through software by deciding which register and which flag inside
the register need to be serviced first.
Since the CPU has only one interrupt subroutine and the IRQxx registers are cleared after reading, the CPU
does not miss any interrupt request which comes during the interrupt service routine. If any occurs during this
time a new interrupt will be generated as soon as the software comes out of the current interrupt subroutine.
Figure 31. Interrupt Controller Block Diagram
Interrupt Request
Capture Register
12 Input-OR
Read
ClrIntBit
Reset
General
INT En
IRQ to µP
One of these Blocks for each IRQ
DB
DB[n]
IRQxx
Write
Mask
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com