Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 15 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 15 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 19Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
15
www.emmicroelectronic.com
6.2.2 Pull-up or Pull-down
Each of the input port terminals PA[3:0] has a resistor integrated which can be used either as pull-up or pull-
down resistor, depending on the selected metal mask options. See the port A metal mask chapter for details.
The pull resistor can be inhibited using the NoPullPA[n] bits in the register OptNoPullPA.
Table 6.2.1. Pull-up or Pull-down Resistor on Port A Inputs
Option mask
pull-up
MPAPU[n]
Option mask
pull-down
MPAPD[n]
NoPullPA[n]
value
Action
no
no
x
no pull-up, no pull-down
no
yes
0
no pull-up, pull-down
no
yes
1
no pull-up, no pull-down
yes
no
0
pull-up, no pull-down
yes
no
1
no pull-up , no pull-down
yes
yes
x
not allowed*
* only pull-up or pull-down may be chosen on any port A terminal (one choice is excluding the other)
6.2.3 Software Test Variables
The port A terminals PA[2:0] are also used as input conditions for conditional software branches. Independent
of the OPTDebIntPA and the OPTIntEdgPA. These CPU inputs always have a debouncer.
- Debounced PA[0] is connected to CPU TestVar1.
- Debounced PA[1] is connected to CPU TestVar2.
- Debounced PA[2] is connected to CPU TestVar3.
6.2.4 Port A for 10-Bit Counter and MSC
The PA[0] and PA[3] inputs can be used as the clock input terminal for the 10 bit counter in "event count"
mode. As for the IRQ generation one can choose debouncer or direct input with the register OPTDebIntPA and
non-inverted or inverted input with the register OPTIntEdgPA. Debouncer input is always recommended.
Pad input PA[3] is also used as start/stop control for the millisecond counter. This control signal is derived from
PA[3], it is independent of the port A debouncer and edge selection. Refer also to Figure 10.
6.3 Port A Registers
Table 6.3.1 Register RegPA
Bit
Name
Reset
R/W
Description
3
PAData[3]
-
R*
PA[3] input status
2
PAData[2]
-
R*
PA[2] input status
1
PAData[1]
-
R*
PA[1] input status
0
PAData[0]
-
R*
PA[0] input status
* Direct read on port A terminals
with
n=0…3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com