Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 32Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
28
www.emmicroelectronic.com
7.1.1 Single Run Mode
The RegMelPeri value and the selected timer frequency in RegMelTim control the timer duration. The timer is
counting down from its previously charged value until it reaches 0. On 0 the timer stops and generates an
interrupt request. The buzzer frequency output is enabled after the next positive timer clock edge and remains
enabled until the timer reaches 0.
7.1.2 Continuos Run Mode
This is almost the same as the single run mode only that in this case the timer after reaching 0 reloads itself
automatically with the register RegMelPeri value. Every time the timer reaches 0 an interrupt request is send.
There are 2 ways to stop the continuos mode.
•
First, changing the mode to single run mode. As the timer reaches 0 it stops. The last period after Auto=0
is of length RegMelPeri + 1.
•
Second, loading 0 into the timer period register RegMelPeri stops the timer immediately, no interrupt is
generated and the Auto flag is reset. The buzzer frequency output is enabled directly by writing Auto=1.
Figure 20. Single Run Mode
2
10
0
1
µP writes 2 into
RegMelPeri
µP writes 1 into
RegMelPeri
Tim er Clock
Tim er Value
Buzzer
IRQBz
Figure 21. Continuos Run Mode
2
21
0
1
2
0
0
1
µP writes
Auto = 0
µP writes
Auto = 1
µP writes 2
into
RegMelPeri
Timer Clock
n periods
n+1 periods
Timer Value
Buzzer
IRQBz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com