Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 65 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 65 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 67Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 68Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
65
www.emmicroelectronic.com
20.8 LCD SEG[20:1] Outputs
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Driver Impedance Level 0
Iout =
±5µA,
Ext. Supply
RSEGVL0
20
KOhm
Driver Impedance Level 1
Iout =
±5µA,
Ext Supply
RSEGVL1
20
KOhm
Driver Impedance Level 2
Iout =
±5µA,
Ext Supply
RSEGVL2
20
KOhm
Driver Impedance Level 3
Iout =
±5µA,
Ext Supply
RSEGVL3
20
KOhm
20.9 LCD Com[4:1] Outputs
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Driver Impedance Level 0
Iout =
±5µA,
Ext. Supply
RcomVL0
10
KOhm
Driver Impedance Level 1
Iout =
±5µA,
Ext. Supply
RcomVL1
10
KOhm
Driver Impedance Level 2
Iout =
±5µA,
Ext Supply
RcomVL2
10
KOhm
Driver Impedance Level 3
Iout =
±5µA,
Ext Supply
RcomVL3
10
KOhm
20.10 DC Output Component
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
DC Output component
No Load
±VDC_com
20
mV
20.11 LCD Voltage Multiplier
Conditions: T=25
°C, All Multiplier Capacitors 100nF, freq=512Hz. (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Voltage Bias Level 1
1µA load
VVL1
0.95
1.05
1.15
V
Voltage Bias Level 2
1µA load
VVL2
2.10
V
Voltage Bias Level 3
1µA load
VVL3
3.15
V
Temp dependency V
vL1
1µA load, -10...60
°C
dVVL1/dT
-4.9
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com