Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 27 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 27 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 31Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
27
www.emmicroelectronic.com
7. Melody, Buzzer
A normal application is to drive a buzzer connected onto the terminal Buzzer.
This peripheral cell is a combination of a 7 frequency tone generator and a 4-bit timer, used to provide a 50%
duty cycle signal on the Buzzer terminal of a pre-selected length and frequency. The Buzzer terminal is active
as long as the timer is not 0 or the SwBuzzer is set to ‘1’. The 4-bit timer can be used for another application
independent of the Buzzer terminal by selecting "silence" instead of another frequency on the Buzzer output.
"Silence" can also be used as part of a melody, or to switch off the buzzer.
To use the buzzer independent of the 4-bit timer one has to set the switch SwBuzzer. This bit is in register
RegMelTim and selects the signal duration on the buzzer output. If SwBuzzer=1 then the signal is output until
the bit is set back to 0 . With SwBuzzer=0 the output signal duration is controlled by the 4bit timer. If neither
the SwBuzzer or the timer are active, the Buzzer terminal is on 0.
The high impedance state setting with BzOutEn is independent of the SwBuzzer and Timer settings. As soon
as the bit is set to 1 the Buzzer terminal is set tristate. See also Figure 19.
7.1 4-Bit Timer
The timer has 2 modes:
- Single run mode (Auto=0)
- Continuos run mode (Auto=1)
Mode selection and timer count down frequency is done in register RegMelTim. All timer frequencies are
coming from the prescaler. The 4-bit timer can be used independent of the melody buzzer application.
Whenever the timer reaches 0 it generates an interrupt request IRQBz in the register RegIRQ2 . This interrupt
can be masked with the bit MaskIRQBz in register RegIRQMask2. By writing 0 into the timer period register
the timer stops immediately and does not generate an interrupt.
Figure 19. Melody Generator Block Diagram
C k[16]
(from P rescaler)
Close
Frequency S elect
SwBuzzer
Auto
BzOutE n
Zero
Frequency
Generator
4 - B it T im er
BZ
T erm inal
8
FlBuzzer
IR Q Bz
Control & Status
R egisters
Internal D ata Bus D B[3:0]
Tim er Clock
(from P rescaler)
Control
Logic
Period R egister
VSS
0
1
MU
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com