Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6821WS21 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power µController with 4x20 LCD Driver
Features
• Low Power
- 1.3 µA
active mode, LCD On
- 0.4 µA standby mode, LCD Off
- 0.1 µA sleep mode
@ 3 V, 32 KHz, 25 ºC
• Low Voltage
- 1.2 to 3.6 V
• 2 clocks per instruction cycle
• 72 basic instructions
• ROM 4k x 16 bits
• RAM 128 x 4 bits
• Max. 12 inputs ; port A, port B, port SP
• Max. 8 outputs ; port B, port SP
• Voltage Level Detector, 8 levels software
selectable from 1.2 V up to 4.0 V
• Melody, 7 tones + silence inclusive 4-bit timer
• Universal 10-bit counter, PWM, event counter
• Prescaler down to 1 second ( crystal = 32 KHz )
• 1/1000 sec 12 bit binary coded decimal counter
with hard or software start/stop function
• LCD 20 Segments, 3 or 4 times multiplexed
• 3 wire serial port , 8 bit, master and slave mode
• 5 external interrupts (port A, serial interface)
• 8 internal interrupts (3x prescaler, BCD counter
2x10-bit counter, melody timer, serial interface)
• timer watchdog and oscillation supervisor
Description
The EM6821 is an advanced single chip low cost
CMOS microcontroller. It contains ROM, RAM,
LCD driver, power on reset, watchdog timer,
oscillation detection circuit, 10-bit up/down and
event
counter,
1ms
BCD
counter,
prescaler,
voltage level detector (Vld), serial interface and
several clock functions. The low voltage feature
and low power consumption make it the most
suitable controller for battery, stand alone and
mobile equipment. The EM6821 is manufactured
using EM Microelectronic’a advanced low power
(ALP) CMOS process.
Typical
Applications
• Timing device
• Timer / sports timing devices
• Bicycle computers
• Measurement equipment
• Domestic appliance
• Interactive system with display
• Automotive controls with display
• Safety and security devices
Figure 1. Architecture
Figure 2. Pin Configuration, TQFP52 10x10x1 mm
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6821WS21

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM682FR16AS-45L EMLSI-EM682FR16AS-45L Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16AS-45S EMLSI-EM682FR16AS-45S Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16AS-85L EMLSI-EM682FR16AS-85L Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16AS-85S EMLSI-EM682FR16AS-85S Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16AU-45L EMLSI-EM682FR16AU-45L Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6821WS21

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
EADIP203G-4NLED ETC2-EADIP203G-4NLED Datasheet
374Kb / 5P
LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
logo
Holtek Semiconductor In...
HT69F2562 HOLTEK-HT69F2562 Datasheet
8Mb / 194P
Ultra-Low Power Flash MCU with LCD & EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com