Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 30 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 30 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 34Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
30
www.emmicroelectronic.com
Table 7.3.4 Timer Clock Frequency Select
FTimSel0
FTimSel1
Timer Clock
On 32 KHz operation
0
0
Ck[3]
4 Hz
1
0
Ck[5]
16 Hz
0
1
Ck[7]
64 Hz
1
1
Ck[1]
1 Hz
Table 7.3.5 Register RegMelPeri
Bit
Name
Reset
R/W
Description
3
Per[3]
0
W
Melody timer period MSB
2
Per[2]
0
W
Melody timer period
1
Per[1]
0
W
Melody timer period
0
Per[0]
0
W
Melody timer period LSB
The total timer period duration is calculated as following:
Duration = Value(RegMelPeri) x 1/Ck[n]
Where, Ck[n] is the timer clock frequency and Value(RegMelPeri) is the value of the register RegMelPeri.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com