Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 26 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 26 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 30Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
26
www.emmicroelectronic.com
Table 6.7.6 Register RegSPData
Bit
Name
Reset
R/W
Description
3
SerPData[3]
0
R* /W
Parallel output data
2
SerPData[2]
0
R* /W
Parallel output data
1
SerPData[1]
0
R* /W
Parallel output data
0
SerPData[0]
0
R* /W
Parallel output data
R* : The input terminal value is read, not the register
Table 6.7.7 Option Register OPTNoPdPS
Bit
Name
R/W
Description
3
NoPdPS[3]
0
R/W
No pull-down on PSP[3]
2
NoPdPS[2]
0
R/W
No pull-down on PSP[2]
1
NoPdPS[1]
0
R/W
No pull-down on PSP[1]
0
NoPdPS[0]
0
R/W
No pull-down on PSP[0]
Default "0" is: Pull-down on
Table 6.7.8 Option Register OPTNchOpDPS
Bit
Name
R/W
Description
3
NchOpDPS[3]
0
R/W
Nch. Open Drain on PSP[3]
2
NchOpDPS[2]
0
R/W
Nch. Open Drain on PSP[2]
1
NchOpDPS[1]
0
R/W
Nch. Open Drain on PSP[1]
0
NchOpDPS[0]
0
R/W
Nch. Open Drain on PSP[0]
Default "0" is: CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com