Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
6.6.2 Pull-up or Pull-down
For each terminal of PSP[3:0] an input pull-up (metal mask MPSPU[n]) or pull-down (metal mask MPSPD[n])
resistor can be implemented per metal mask option. Per default the two metal masks are in place, so one can
chose per software to have either a pull-up, a pull-down or no resistor. For Metal mask selection and available
resistor values refer to chapter 18.1.4
Pull-down ON : MPSPD[n] must be in place ,
AND the bit NoPdPS[n] must be ‘0’ .
Pull-down OFF: MPSPD[n] is not in place,
OR if MPSPD[n] is in place NoPdPS[n] = ‘1’ cuts off the pull-down.
OR selecting NchOpDPS[n] = ‘1’ cuts off the pull-down.
Pull-up ON *
: MPSPU[n] must be in place,
AND the bit NchOpDPS[n] must be ‘1’ ,
AND ( the bits OM[1,0] in RegSysCntl2 = ‘00’ (input mode) OR any of the port SP terminals
is in output mode with a logic ‘1’ to be driven) .
Pull-up OFF*
: MPSPU[n] is not in place,
OR if MPSPU[n] is in place NchOpDPS[n] = ‘0’ cuts off the pull-up,
OR if MPSPU[n] is in place and NchOpDPS[n] = ‘1’ then SerPData[n] = 0 cuts off the pull-up.
Figure 14. Port SP Terminal Configuration
Internal Data Bus
MUX
DR[n]
DB[n]
Read
Read OR Serial Mode
Serial Interface Outputs
(SOUT, Ready/CS and SCLK)
Parallel Output
Serial /
Parallel
Control
Read
Pd[n]
Pull-down Option
Register
OD[n]
Nch. Open Drain
Option Register
Mode (direction
for SCLKOut
Terminal only)
Tristate
Parallel Output
Data Register
Serial Interface
Inputs (SIN
and SCLKIn)
Active
Pulldown
I / O Terminal
SP[n]
Active Pull-up
in Nch. Open
Drain Mode
Mask Option
MPSPD[n]
Mask Option
MPSPU[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com