Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 17 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 17 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 21Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
17
www.emmicroelectronic.com
6.4 Port B
The EM6821 has one four bit general purpose I/O port. Each bit can be configured individually by software for
input/output, pull-up, pull-down and CMOS or Nch. open drain output type. The port outputs either data,
frequency or PWM signals.
6.4.1 Input / Output Mode
Each port B terminal is bit-wise bi-directional. The input or output mode on each port B terminal is set by writing
the corresponding bit in the RegPBCntl control register. To set for input (default), 0 is written to the
corresponding bit of the RegPBCntl register which results in a high impedance state for the output driver. The
output mode is set by writing 1 in the control register, and consequently the output terminal follows the status of
the bits in the RegPBData register.
The port B terminal status can be read on address RegPBData even in output mode. Be aware that the data
read on port B is not necessary of the same value as the data stored on RegPBData register.
See also Figure 11 for details.
Figure 11. Port B Architecture
Open Drain Option
Register
Port B Direction Register
Port B Data Register
Internal Data Bus
MUX
Active
Pull-down
I / O Terminal
PB[n]
DDR[n]
DR[n]
DB[n]
Read
Read for PB[3:0]
Multiplexed
Output
Multiplexed
Output Active
Multiplexed
Outputs are:
PWM, Ck[16],
Ck[11], Ck[1]
Port B
Control
Active Pull-up
in Nch. Open
Drain Mode
Read
Pd[n]
Pull-down
Option Register
OD[n]
mask option
MPBPD[n]
Mask Option
MPBPD[n]
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com