Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 20Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
Table 6.3.2 Register RegIRQMask1
Bit
Name
Reset
R/W
Description
3
MaskIRQPA[3]
0
R/W
Interrupt mask for PA[3] input
2
MaskIRQPA[2]
0
R/W
Interrupt mask for PA[2] input
1
MaskIRQPA[1]
0
R/W
Interrupt mask for PA[1] input
0
MaskIRQPA[0]
0
R/W
Interrupt mask for PA[0] input
Default "0" is: interrupt request masked, no new request stored
Table 6.3.3 Register RegIRQ1
Bit
Name
Reset
R/W
Description
3
IRQPA[3]
0
R/W*
Interrupt request on PA[3]
2
IRQPA[2]
0
R/W*
Interrupt request on PA[2]
1
IRQPA[1]
0
R/W*
Interrupt request on PA[1]
0
IRQPA[0]
0
R/W*
Interrupt request on PA[0]
*; Write "1" clears the bit, write "0" has no action, default "0" is: no interrupt request
Table 6.3.4 Register OPTIntEdgPA
Bit
Name
power on
value
R/W
Description
3
IntEdgPA[3]
0
R/W
Interrupt edge select for PA[3]
2
IntEdgPA[2]
0
R/W
Interrupt edge select for PA[2]
1
IntEdgPA[1]
0
R/W
Interrupt edge select for PA[1]
0
IntEdgPA[0]
0
R/W
Interrupt edge select for PA[0]
Default "0" is: Positive edge selection
Table 6.3.5 Register OPTDebIntPA
Bit
Name
power on
value
R/W
Description
3
NoDebIntPA[3]
0
R/W
Interrupt debounced for PA[3]
2
NoDebIntPA[2]
0
R/W
Interrupt debounced for PA[2]
1
NoDebIntPA[1]
0
R/W
Interrupt debounced for PA[1]
0
NoDebIntPA[0]
0
R/W
Interrupt debounced for PA[0]
Default "0" is: Debounced inputs for interrupt generation
Table 6.3.6 Register OPTNoPullPA
Bit
Name
power on
value
R/W
Description
3
NoPullPA[3]
0
R/W
Pull-up/down selection on PA[3]
2
NoPullPA[2]
0
R/W
Pull-up/down selection on PA[2]
1
NoPullPA[1]
0
R/W
Pull-up/down selection on PA[1]
0
NoPullPA[0]
0
R/W
Pull-up/down selection on PA[0]
Default "0" depending on mask selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com