Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 25 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 25 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 29Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
25
www.emmicroelectronic.com
6.7 Serial Interface Registers
Table 6.7.1 Register RegSCntl1
Bit
Name
Reset
R/W
Description
3
MS1
0
R/W
Frequency selection
2
MS0
0
R/W
Frequency selection
1
POSnNeg
0
R/W
Positive or negative clock edge selection for
shift operation
0
MSBnLSB
0
R/W
Shift MSB or LSB value first
Default "0" is: Slave mode external clock, negative edge, LSB first
Table 6.7.2 Frequency and Master Slave Mode Selection
MS1
MS0
Description
0
0
Slave mode: Clock from external
0
1
Master mode: System clock / 4
1
0
Master mode: System clock / 2
1
1
Master mode: System clock
Table 6.7.3 Register RegSCntl2
Bit
Name
Reset
R/W
Description
3
Start
0
R/W
Enabling the interface,
2
Status
0
R/W
Ready or Chip Select output on PSP[1]
1
OM[1]
0
R/W
Output mode select 1
0
OM[0]
0
R/W
Output mode select 0
Default "0" is: Interface disabled, status 0, serial mode, output tristate.
Table 6.7.4 Register RegSDataL
Bit
Name
Reset
R/W
Description
3
SerDataL[3]
0
R/W
Serial data low nibble
2
SerDataL[2]
0
R/W
Serial data low nibble
1
SerDataL[1]
0
R/W
Serial data low nibble
0
SerDataL[0]
0
R/W
Serial data low nibble
Default "0" is: Data equal 0.
Table 6.7.5 Register RegSDataH
Bit
Name
Reset
R/W
Description
3
SerDataH[3]
0
R/W
Serial data high nibble
2
SerDataH[2]
0
R/W
Serial data high nibble
1
SerDataH[1]
0
R/W
Serial data high nibble
0
SerDataH[0]
0
R/W
Serial data high nibble
Default "0" is: Data equal 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com