Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 61 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 61 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 65Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
61
www.emmicroelectronic.com
19.3 Output Currents (Typical)
IOH Currents[mA]; VDS=0.15/0.3/0.5/1.0V; Temp=25°C
0.15
0.3
0.5
1.0
-8.0
-6.0
-4.0
-2.0
0.0
1.2
1.8
2.4
3.0
3.6
[V]
IOL Currents[mA]; VDS=0.15/0.3/0.5/1.0 V; Temp=25°C
0.15
0.3
0.5
1.0
0.0
2.0
4.0
6.0
8.0
1.2
1.8
2.4
3.0
3.6
[V]
IOH Currents[mA]; VDD=3V; VDS=0.15/0.3/0.5/1.0V
0.15
0.3
0.5
1.0
-8.0
-6.0
-4.0
-2.0
0.0
-20
0
20
40
60
80
[°C]
IOL Currents[mA]; VDD=3V; VDS=0.15/0.3/0.5/1.0V
0.15
0.3
0.5
1.0
0.0
2.0
4.0
6.0
8.0
-20
0
20
40
60
80
[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com