Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 63 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 63 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 67Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
63
www.emmicroelectronic.com
Conditions: VDD=3.0V, T=25°C, with internal voltage regulator (unless otherwise specified)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
ACTIVE Supply Current
(note2,3)
IVDDa2
1.3
2.5
µA
(in active mode with LCD on)
-20 ... 85°C (note2,3)
IVDDa2
3.0
µA
STANDBY Supply Current
IVDDh2
0.4
0.8
µA
(in Halt mode, LCDOff)
-20 ... 85°C
IVDDh2
1.2
µA
SLEEP Supply Current
IVDDs2
0.1
0.4
µA
-20 ... 85°C
IVDDs2
0.7
µA
POR static level
-20 ... 85°C, No Load on Vreg
VPOR2
1.0
1.2
V
RAM data retention
-20 ... 85°C
Vrd2
1.0
V
Regulated voltage
Halt mode, No Load
Vreg
1.2
1.4
1.7
V
Note 2: LCD Display not connected.
Note 3: Specified values are with XTAL connected. During test the oscillator is driven externally on a frequency
of 32.768 KHz and amplitude of Vreg voltage.
20.5 Supply Voltage Level Detector
Parameter
Conditions Symbol
Min.
Typ.
Max.
Unit
SVLD voltage Level1
-10 to 60
°C
VSVLD1
3.65
4.01
4.35
V
SVLD voltage Level2
-10 to 60
°C
VSVLD2
2.70
2.99
3.27
V
SVLD voltage Level3
-10 to 60
°C
VSVLD3
2.20
2.41
2.65
V
SVLD voltage Level4
-10 to 60
°C
VSVLD4
1.78
2.00
2.20
V
SVLD voltage Level5
-10 to 60
°C
VSVLD5
1.62
1.78
1.93
V
SVLD voltage Level6
-10 to 60
°C
VSVLD6
1.39
1.54
1.68
V
SVLD voltage Level7
-10 to 60
°C
VSVLD7
1.23
1.36
1.50
V
SVLD voltage Level8
-10 to 60
°C
VSVLD8
1.06
1.20
1.34
V
Temperature coefficient
0 to 50
°C
TCOEFF
< +/- 0.2
mV/
°C
20.6 Oscillator
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Temperature stability
+15 ... +35 °C
df/f x dT
0,3
ppm /°C
Voltage stability
VDD=1,4 - 1,6 V
df/f x dU
5
ppm /V
Input capacitor
Ref. on VSS
Cin
5,6
7
8,4
pF
Output capacitor
Ref. on VSS
Cout
12,1
14
15,9
pF
Transconductance
50mVpp,VDDmin
Gm
2.5
15.0
µA/V
Oscillator start voltage
Tstart < 10 s
Ustart
VDDmin
V
Oscillator start time
VDD > VDDMin
tdosc
0.5
3
s
System start time
(oscillator + cold-start +
reset)
tdsys
1.5
4
s
Oscillation detector
frequency
VDD > VDDmin
tDetFreq
6
12
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com