Electronic Components Datasheet Search
  English  ▼

X  

EM6821WS21 Datasheet(PDF) 58 Page - EM Microelectronic - MARIN SA

Part # EM6821WS21
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821WS21 Datasheet(HTML) 58 Page - EM Microelectronic - MARIN SA

Back Button EM6821WS21 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821WS21 Datasheet HTML 62Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
58
www.emmicroelectronic.com
18.1.4 Port SP Metal Options
Pull-up or no pull-up can be selected
for each port SP input. The pull-up is
only active in Nch. open drain mode.
Pull-down or no pull-down can be
selected for each port SP input.
The total pull value (pull-up or pull-
down) is a series resistance out of the
resistance
R1
and
the
switching
transistor. As a switching transistor the
user can choose between a high
impedance (weak) or a low impedance
(strong) switch. Weak , strong or none
must be chosen. The default is strong.
The default resistor R1 value is 90
KOhm.
The
user
may
choose
a
different value lower than 90kOhm.
However
the
value
must
first
be
checked
and
agreed
by
EM
Microelectronic Marin SA. Refer also to
chapter 19.2 and 19.1 for the pull
values.
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : strong pull-
down with R1=90 KOhm
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : strong pull-up
with R1=90 KOhm
Figure 40. Port SP Pull Options
Resistor R1
MPSPDweak[n]
Weak Pull-down
MPSPDstrong[n]
Strong Pull-down
MPSPUweak[n]
Weak Pull-up
MPSPUstrong[n]
Strong Pull-up
Pull-up Control
PSP[n]
Terminal
100 KOhm
Pull-down
OR
Block
No Pull-up
No Pull-down
Input Circuitry
Option
Name
Strong
Pull-
down
Weak
Pull-
down
R1
Value
Typ.90k
NO
Pull-
Down
1
2
3
4
MPSPD[3]
PS3 input pull-down
MPSPD[2]
PS2 input pull-down
MPSPD[1]
PS1 input pull-down
MPSPD[0]
PS0 input pull-down
Option
Name
Strong
Pull-up
weak
Pull-up
R1
Value
Typ. 90k
NO
Pull-up
1
2
3
4
MPSPU[3]
PS3 input pull-up
MPSPU[2]
PS2 input pull-up
MPSPU[1]
PS1 input pull-up
MPSPU[0]
PS0 input pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com