Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 37 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 37 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
37
Process connections with
internal, metal process
isolating diaphragm
Thread DIN13
M20x1.5
ø17.5 (0.69)
ø6 (0.24)
ø3 (0.12)
SW/AF
A0021968
Engineering unit mm (in)
Description
Device Material Nominal value
to 100 bar (1500 psi)
Nominal value
400 bar (6000 psi)
Option 1)
Weight
Height C SW/
AF
Weight
Height C SW/
AF
kg (lbs)
kg (lbs)
DIN 13 M20 x 1.5, EN 837, bore 3 mm (0.12 in)
PMP11
PMP21
316L
0.220 (0.49) 65 (2.56) 32
0.260 (0.57) 77 (3.03) 27
X4J
1)
Product Configurator, order code for "Process connection"
Process connections with
internal, metal process
isolating diaphragm
Thread JIS B0203
ø21.4 (0.84)
ø11.4 (0.45)
R ½"
ø17.3 (0.68)
SW/AF
A0021970
Engineering unit mm (in). Diameter of process isolating diaphragm: 17.2 mm (0.68 in)
Description
Device
Material
Nominal value
to 100 bar (1500 psi)
Nominal value
400 bar (6000 psi)
Option 1)
Weight
Height C
SW/
AF
Weight
Height C
SW/
AF
kg (lbs)
kg (lbs)
JIS B0203 R ½" (male)
PMP21
316L
0.230 (0.51)
65 (2.56)
32
0.260 (0.57)
77 (3.03)
27
ZJJ
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com