Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  PMP21 Datasheet HTML 1Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 2Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
2
Endress+Hauser
Table of contents
About this document ........................ 4
Document function ............................ 4
Symbols used ................................ 4
Documentation ............................... 4
Terms and abbreviations ........................
6
Turn down calculation .......................... 6
Function and system design ................... 8
Measuring principle - process pressure measurement ..... 8
Measuring system ............................. 8
Device features ............................... 9
Product design .............................. 11
System integration ........................... 12
Input .................................... 13
Measured variable ............................ 13
Measuring range ............................ 13
Output .................................. 16
Output signal ............................... 16
Signal range 4 to 20 mA ........................ 16
Load (for 4 to 20 mA devices ) .................... 16
Load resistance (for 0 to 10 V devices) .............. 16
Signal on alarm 4 to 20 mA ...................... 16
Dead time, time constant ....................... 16
Dynamic behavior ............................ 17
Power supply ............................. 18
Terminal assignment .......................... 18
Supply voltage .............................. 18
Current consumption and alarm signal .............. 18
Power supply fault ............................ 19
Electrical connection .......................... 19
Cable specification ............................ 19
Residual ripple .............................. 19
Influence of power supply ....................... 19
Overvoltage protection ........................
19
Performance characteristics of ceramic process
isolating diaphragm ........................ 20
Reference operating conditions ................... 20
Measuring uncertainty for small absolute pressure
measuring ranges ............................ 20
Influence of the installation position ................ 20
Resolution ................................. 20
Reference accuracy ........................... 20
Thermal change of the zero output and the output span ... 20
Long-term stability ........................... 21
Switch-on time .............................. 21
Performance characteristics of metal process
isolating diaphragm ........................ 22
Reference operating conditions ................... 22
Measuring uncertainty for small absolute pressure
measuring ranges ............................ 22
Influence of the installation position ................ 22
Resolution ................................. 22
Reference accuracy ........................... 22
Thermal change of the zero output and the output span ... 22
Long-term stability ........................... 22
Switch-on time .............................. 22
Installation ............................... 23
Installation conditions ......................... 23
Influence of the installation position ................ 23
Mounting location ............................ 23
Mounting instructions for oxygen applications ......... 24
Environment .............................. 26
Ambient temperature range ..................... 26
Storage temperature range ...................... 26
Climate class ............................... 26
Degree of protection .......................... 26
Vibration resistance ........................... 26
Electromagnetic compatibility .................... 26
Process .................................. 27
Process temperature range for devices with ceramic
process isolating diaphragm ..................... 27
Process temperature range for devices with metallic
process isolating diaphragm ..................... 27
Pressure specifications ......................... 28
Mechanical construction .................... 29
Design, dimensions ........................... 29
Electrical connection .......................... 29
Housing ................................... 30
Process connections with internal, ceramic process
isolating diaphragm ........................... 32
Process connections with internal, ceramic process
isolating diaphragm ........................... 33
Process connections with internal, ceramic process
isolating diaphragm ........................... 34
Process connections with internal, ceramic process
isolating diaphragm ........................... 34
Process connections with internal, metal process isolating
diaphragm ................................. 35
Process connections with internal, metal process isolating
diaphragm ................................. 36
Process connections with internal, metal process isolating
diaphragm ................................. 37
Process connections with internal, metal process isolating
diaphragm ................................. 37
Process connections with flush mount, metal process
isolating diaphragm ........................... 38
Materials in contact with process .................. 39
Materials not in contact with process ............... 40
Cleaning .................................. 41
Operability ............................... 42
Plug-on display PHX20 (optional) .................. 42
Certificates and approvals ................... 43
CE mark ................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com