Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
18
Endress+Hauser
Power supply
LWARNING
Limitation of electrical safety due to incorrect connection!
‣ In accordance with IEC/EN61010 a suitable circuit breaker must be provided for the device.
‣ When using the measuring device in hazardous areas, installation must also comply with the
corresponding national standards and regulations and the Safety Instructions or Installation or
Control Drawings.
‣ All explosion protection data are given in separate documentation which is available upon
request. The Ex documentation is supplied as standard with all devices approved for use in
explosion hazardous areas.
‣ Protective circuits against reverse polarity, HF influences, and overvoltage peaks are integrated.
‣ Non-hazardous area: To meet device safety specifications according to the IEC/EN61010
standard, the installation must ensure that the maximum current is limited to 500 mA.
‣ Hazardous area: The maximum current is restricted to Ii = 100 mA by the transmitter power
supply unit when the device is used in an intrinsically safe circuit (Ex ia).
Terminal assignment
4 to 20 mA output
Device
M12 plug
Valve plug
Cable
PMC11
PMP11
PMC21
PMP21
L–
L+
2
1
3
0.5A
A0023487
L–
L+
1
2
3
4
0.5A
A0022823
L–
L+
1
2
3
(a)
0.5A
A0023783
1
brown = L+
2
blue = L-
3
green/yellow = ground connection
(a) reference air hose
0 to 10 V output (not for IO-Link)
Device
M12 plug
Valve plug
Cable
PMC11
PMP11
L–
L+
2
1
3
0.5A
A0017576
L–
L+
1
2
3
4
0.5A
A0022822
-
Supply voltage
Electronic version
Device
Supply voltage
4 to 20 mA output
PMC11
PMP11
PMC21
PMP21
10 to 30 V DC
0 to 10 V output
PMC11
PMP11
12 to 30 V DC
Current consumption and
alarm signal
Electronic version
Device
Current consumption
Alarm signal 1)
4 to 20 mA output
PMC11
PMP11
PMC21
PMP21
≤ 26 mA
> 21 mA
0 to 10 V output
PMC11
PMP11
< 12 mA
11 V
1)
For MAX alarm (factory setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com