Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 39 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 39 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 43Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
39
Materials in contact with
process
NOTICE
‣ Device components in contact with the process are listed in the "Mechanical construction" and
"Ordering information" sections.
TSE Certificate of Suitability
The following applies to all device components in contact with the process:
• They do not contain any materials derived from animals.
• No additives or operating materials derived from animals are used in production or processing.
Process connections
Endress+Hauser supplies a threaded connection made of stainless steel in accordance with AISI 316L
(DIN/ EN material number 1.4404 or 1.4435). With regard to their stability-temperature property,
the materials 1.4404 and 1.4435 are grouped together under 13E0 in EN 1092-1: 2001 Tab. 18.
The chemical composition of the two materials can be identical.
Process isolating diaphragm
Description
Material
Ceramic process
isolating diaphragm
Al2O3 aluminum-oxide ceramic, Ceraphire® FDA, ultrapure 99.9 % (see also
www.endress.com/ceraphire)
The US Food & Drug Administration (FDA) has no objections to the use of ceramics
made from aluminum oxide as a surface material in contact with foodstuffs. This
declaration is based on the FDA certificates of our ceramic suppliers.
Metal process
isolating diaphragm
AISI 316L (DIN/EN material number 1.4435)
Seals
See the specific process connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com