Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 2Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
6
Endress+Hauser
Terms and abbreviations
URL
OPL
MWP
LRL
0
p
LRV
URV
1
2
3
4
A0029505
1
OPL: The OPL (over pressure limit = sensor overload limit) for the measuring device depends on the lowest-
rated element, with regard to pressure, of the selected components, i.e. the process connection has to be taken
into consideration in addition to the measuring cell. Pay attention to the pressure/temperature dependency.
The OPL may only be applied for a short period of time.
2
MWP: The MWP (maximum working pressure) for the sensors depends on the lowest-rated element, with
regard to pressure, of the selected components, i.e. the process connection has to be taken into consideration
in addition to the measuring cell. Pay attention to the pressure/temperature dependency. The MWP may be
applied at the device for an unlimited period. The MWP can be found on the nameplate.
3
The maximum sensor measuring range corresponds to the span between the LRL and URL. This sensor
measuring range is equivalent to the maximum calibratable/adjustable span.
4
The calibrated/adjusted span corresponds to the span between the LRV and URV. Factory setting: 0 to URL.
Other calibrated spans can be ordered as customized spans.
p
Pressure
LRL Lower range limit
URL Upper range limit
LRV Lower range value
URV Upper range value
TD Turn down. Example - see the following section.
The turn down is preset at the factory and cannot be changed.
Turn down calculation
LRV
URL
URV
LRL
1 = 2
3
A0029545
1
Calibrated/adjusted span
2
Zero point-based span
3
Upper range limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com