Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 47 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 47 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 44Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 46Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 47Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 48Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
47
Accessories
Weld-in adapter
Various weld-in adapters are available for installation in vessels or pipes.
Device
Description
Option 1)
Order number
PMP21
Weld-in adapter G½, 316L
QA
52002643
PMP21
Weld-in adapter G½, 316L 3.1 EN10204-3.1 material,
inspection certificate
QB
52010172
PMP21
Weld-in tool adapter G½, brass
QC
52005082
PMP21
Weld-in adapter G1/2, 316L, for G1/2 A DIN 3852
QM
71389241
PMP21
Weld-in adapter G1/2, 316L, 3.1, for G1/2 A DIN 3852,
EN10204-3.1 material, inspection certificate
QN
71389243
1)
Product Configurator, order code for "Enclosed accessories"
If installed horizontally and weld-in adapters with a leakage hole are used, ensure that the leakage
hole is pointing down. This allows leaks to be detected as quickly as possible.
Plug-on display PHX20
→  42
M12 plug connectors
Connector
Degree of protection Material
Option 1) Order number
M12
(self-terminated connection
at M12 plug)
53 (2.09)
A0024475
IP67
• Union nut: Cu Sn/Ni
• Body: PBT
• Seal: NBR
R1
52006263
M12 90 degrees
with 5m (16 ft) cable
40 (1.57)
³
A0024476
IP67
• Union nut: GD Zn/Ni
• Body: PUR
• Cable: PVC
Cable colors
• 1 = BN = brown
• 2 = WT = white
• 3 = BU = blue
• 4 = BK = black
RZ
52010285
M12 90 degrees
(self-terminated connection
at M12 plug)
28
(1.1)
20 (0.79)
A0024478
IP67
• Union nut: GD Zn/Ni
• Body: PBT
• Seal: NBR
RM
71114212
1)
Product Configurator, order code for "Enclosed accessories"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com