Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 18Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
14
Endress+Hauser
Sensor
Device Maximum
Sensor measuring range
Lowest
calibratable
span 1)
MWP
OPL
Factory settings 2)
Option 3)
lower (LRL) upper (URL)
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
Devices for absolute pressure measurement
100 mbar (1.5 psi) 6)
PMC21 0
+0.1 (+1.5)
0.1 (1.5)
2.7 (40.5)
4 (60)
0 to 100 mbar (0 to 1.5 psi)
2C
250 mbar (4 psi) 6)
PMC21 0
+0.25 (+4)
0.25 (4)
3.3 (49.5)
5 (75)
0 to 250 mbar (0 to 4 psi)
2E
400 mbar (6 psi) 6)
PMC21 0
+0.4 (+6)
0.4 (6)
5.3 (79.5)
8 (120)
0 to 400 mbar (0 to 6 psi)
2F
1 bar (15 psi) 6)
PMC21 0
+1 (+15)
0.4 (6)
6.7 (100.5)
10 (150)
0 to 1 bar (0 to 15 psi)
2H
2 bar (30 psi) 6)
PMC21 0
+2 (+30)
0.4 (6)
12 (180)
18 (270)
0 to 2 bar (0 to 30 psi)
2K
4 bar (60 psi) 6)
PMC21 0
+4 (+60)
0.8 (12)
16.7 (250.5) 25 (375)
0 to 4 bar (0 to 60 psi)
2M
10 bar (150 psi) 6)
PMC21 0
+10 (+150)
2 (30)
26.7 (400.5) 40 (600)
0 to 10 bar (0 to 150 psi)
2P
40 bar (600 psi) 6)
PMC21 0
+40 (+600)
8 (120)
40 (600)
60 (900)
0 to 40 bar (0 to 600 psi)
2S
1)
Highest turn down that can be set at the factory: 5:1. The turn down is preset and cannot be changed.
2)
Other measuring ranges (e.g. –1 to +5 bar (–15 to 75 psi)) can be ordered with customer-specific settings (see the Product Configurator, order
code for "Calibration; Unit" option "J"). It is possible to invert the output signal (LRV = 20 mA; URV = 4 mA). Prerequisite: URV < LRV
3)
Product Configurator, order code for "Sensor range"
4)
Vacuum resistance: 0.7 bar (10.5 psi) abs
5)
Vacuum resistance: 0.5 bar (7.5 psi) abs
6)
Vacuum resistance: 0 bar (0 psi) abs
Maximum turn down which can be ordered for absolute pressure and gauge pressure sensors
Devices for gauge pressure measurement
• 6 bar (90 psi), 16 bar (240 psi), 25 bar (375 psi): TD 1:1 to TD 2.5:1
• All other measuring ranges: TD 1:1 to TD 5:1
Devices for absolute pressure measurement
• 100 mbar (1.5 psi), 250 mbar (4 psi), 400 mbar (6 psi): TD 1:1
• 1 bar (15 psi): TD 1:1 to TD 2.5:1
• All other measuring ranges: TD 1:1 to TD 5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com