Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 23 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 23 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 27Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
23
Installation
Installation conditions
• Moisture must not penetrate the housing when mounting the device, establishing the electrical
connection and during operation.
• Point the cable and connector downwards where possible to prevent moisture from entering (e.g.
rain or condensation water).
Influence of the installation
position
Any orientation is possible. However, the orientation may cause a zero point shift i.e. the measured
value does not show zero when the vessel is empty or partially full.
C
A
B
A0024708
Type
Process isolating
diaphragm axis is
horizontal (A)
Process isolating diaphragm
pointing upwards (B)
Process isolating diaphragm
pointing downwards (C)
PMP11
PMP21
Calibration position, no
effect
Up to +4 mbar (+0.058 psi)
Up to –4 mbar (–0.058 psi)
PMC11, PMC21
< 1 bar (15 psi)
Calibration position, no
effect
Up to
+0.3 mbar (+0.0044 psi)
Up to
–0.3 mbar (–0.0044 psi)
PMC11, PMC21
≥1 bar (15 psi)
Calibration position, no
effect
Up to +3 mbar (+0.0435 psi)
Up to –3 mbar (–0.0435 psi)
Mounting location
Pressure measurement
Pressure measurement in gases
Mount the device with shutoff device above the tapping point so that any condensate can flow into
the process.
1
2
A0021904
1
Device
2
Shutoff device
Pressure measurement in vapors
For pressure measurement in vapors, use a siphon. The siphon reduces the temperature to almost
ambient temperature. Mount the device with a shutoff device at the same height as the tapping
point.
Advantage:
only minor/negligible heat effects on the device.
Note the max. permitted ambient temperature of the transmitter!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com