Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 44 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 44 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 44Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 46Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 47Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 48Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
44
Endress+Hauser
Note:
A partial examination shall be performed for pressure instruments that are part of safety equipment
for the protection of a pipe or vessel from exceeding allowable limits (safety accessory in accordance
with Pressure Equipment Directive 2014/68/EU, Article 2, point 4).
Pressure equipment with allowable pressure > 200 bar (2900 psi)
Pressure equipment designated for application in every process fluid having a pressurized volume of
<0.1 l and a max. allowable pressure PS > 200 bar (2900 psi) must satisfy the essential safety
requirements set out in Annex I of the Pressure Equipment Directive 2014/68/EU. According to
Article 13 pressure equipment shall be classified by category in accordance with Annex II. Taking
into account the low pressurized volume discussed above, the pressure devices are classed as
category I pressure equipment. These devices must then bear the CE marking.
Reasons:
• Pressure Equipment Directive 2014/68/EU, Article 13, Annex II
• Pressure equipment directive 2014/68/EU, Commission's Working Group "Pressure", Guideline
A-05
Note:
A partial examination shall be performed for pressure instruments that are part of safety equipment
for the protection of a pipe or vessel from exceeding allowable limits (safety accessory in accordance
with Pressure Equipment Directive 2014/68/EU, Article 2, point 4).
The following also applies:
PMP21 with threaded connection and internal process isolating diaphragm PN > 200 :
Suitable for stable gases in group 1, category I, module A
Other standards and
guidelines
The applicable European guidelines and standards can be found in the relevant EU Declarations of
Conformity. The following standards were also applied:
DIN EN 60770 (IEC 60770):
Transmitters for use in industrial process control systems Part 1: Methods for performance
evaluation
Methods for evaluating the performance of transmitters for control and regulation in industrial
process control systems.
DIN 16086:
Electrical pressure measuring instruments, pressure sensors, pressure transmitters, pressure
measuring instruments, concepts, specifications on data sheets
Procedure for writing specifications in data sheets for electrical pressure measuring instruments,
pressure sensors and pressure transmitters.
EN 61326-X:
EMC product family standard for electrical equipment for measurement, control and laboratory use.
EN 60529:
Degrees of protection provided by enclosures (IP code)
NAMUR - User association of automation technology in process industries.
NE21 - Electromagnetic Compatibility (EMC) of Industrial Process and Laboratory Control
Equipment.
NE43 - Standardization of the Signal Level for the Failure Information of Digital Transmitters.
NE44 - Standardization of Status Indicators on PCT Instruments with the Help of Light Emitting
Diodes
NE53 - Software of Field Devices and Signal-processing Devices with Digital Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com