Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 45 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 45 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 44Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 46Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 47Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 48Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
45
CRN approval
A CRN approval is available for some device versions. A CRN-approved process connection with a
CSA approval must be ordered for a CRN-approved device. The CRN-approved devices are assigned
the registration number 0F18141.5C.
Ordering information: Product Configurator, order code for "Process connection" (the CRN process
connections are indicated appropriately in the "Mechanical construction" section.)
Calibration unit
Designation
Option 1)
Sensor range; %
A
Sensor range; mbar/bar
B
Sensor range; kPa/MPa
C
Sensor range; psi
F
Customer-specific; see additional spec.
J
1)
Product Configurator, order code for "Calibration; unit"
Calibration
Designation
Option 1)
3-point calibration certificate 2)
F3
1)
Product Configurator, order code for "Calibration"
2)
No final test report for PNP outputs.
Inspection certificates
Device
Designation
Option 1)
PMC21
PMP21
3.1 Material documentation, wetted metal parts, EN10204-3.1 inspection certificate
JA
1)
Product Configurator, order code for "Test, Certificate"
The documentation currently available can be found on the Endress+Hauser website:
www.endress.com → Downloads or using the serial number of the device under Online Tools in
the Device Viewer.
Service
• Cleaned of oil+grease (wetted)
• Checked, cleaned for O2 service
• Configured min alarm current
Product documentation on paper
Test reports, declarations and inspection certificates in hard copy can optionally be ordered via order
code 570 "Service", option I7 "Product documentation on paper". The documents are then provided
with the device upon delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com