Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 42 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 42 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 44Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 46Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
42
Endress+Hauser
Operability
Plug-on display PHX20
(optional)
Devices with valve plug can be fitted with the optional local display PHX20.
Designation
Option 1)
Plug-on display PHX20, IP65
RU
1)
Product Configurator, order code for "Accessories"
A 1-line liquid crystal display (LCD) is used. The local display shows measured values, fault messages
and information messages. The device display can be turned in 90° steps. Depending on the
orientation of the device, it is therefore easy to read the measured values.
Technical data
Display:
4-digit, red LED display
Digit height:
7.62 mm; programmable decimal point setting
Display range:
-1999...9999
Accuracy:
0.2% of span ±1 digit
Electrical connection:
to transmitter with 4 to 20 mA output and elbow plug DIN 43 650, with
reverse polarity protection
Power supply for display:
not required, self-powered by the current loop
Voltage drop:
≤ 5 V (corresponds to load: max. 250 Ω)
Conversion rate:
3 measurements per second
Damping:
0.3 to 20 s (configurable)
Data backup:
non-volatile EEPROM
Error message:
• HI: Overranging
• LO: Underranging
Programming:
via 2 buttons, menu-guided, scaling of display range, decimal point,
damping, error message
Degree of protection:
IP 65
Effect of temperature on display:
0.1% / 10 K
Electromagnetic compatibility
(EMC):
Interference emission as per EN 50081, interference immunity as per EN
50082
Permitted current load:
max. 60 mA
Ambient temperature:
0 to +60 °C (+32 to +140 °F)
Housing material:
Plastic Pa6 GF30, blue
Front screen made of PMMA, red
Order number:
52022914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com