Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 28 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 28 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 32Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
28
Endress+Hauser
Pressure specifications
LWARNING
The maximum pressure for the measuring device depends on the lowest-rated element with
regard to pressure.
‣ For pressure specifications, see the "Measuring range" section and the "Mechanical construction"
section.
‣ The Pressure Equipment Directive (2014/68/EU) uses the abbreviation "PS". The abbreviation "PS"
corresponds to the MWP (maximum working pressure) of the measuring device.
‣ MWP (maximum working pressure): The MWP (maximum working pressure) is specified on the
nameplate. This value is based on a reference temperature of +20 °C (+68 °F) and may be applied
to the device for an unlimited period of time. Observe the temperature dependency of the MWP.
‣ OPL (over pressure limit): The test pressure corresponds to the over pressure limit of the sensor
and may only be applied temporarily to ensure that the measurement is within the specifications
and no permanent damage develops. In the case of sensor range and process connections where
the over pressure limit (OPL) of the process connection is smaller than the nominal value of the
sensor, the device is set at the factory, at the very maximum, to the OPL value of the process
connection. If you want to use the entire sensor range, select a process connection with a higher
OPL value.
‣ Oxygen applications: In oxygen applications, the values for "pmax and Tmax for oxygen applications
may not be exceeded .
‣ Devices with ceramic process isolating diaphragm: avoid steam hammering! Steam hammering
can cause zero point drifts. Recommendation: Residue (water droplets or condensation) may
remain on the process isolating diaphragm following CIP cleaning and can result in local steam
hammering the next time steam cleaning takes place. In practice, drying the process isolating
diaphragm (e.g. by blowing) has proved to prevent steam hammering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com