Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
9
1
2
3
A0021926
1
PLC (programmable logic controller)
2
e.g. RN221N / RMA42 (if required)
3
Pressure transducer
Device features
Field of application
• PMC11: Gauge pressure
• PMP11: Gauge pressure
• PMC21: Gauge and absolute pressure
• PMP21: Gauge and absolute pressure
Process connections
PMC11:
• Thread ISO 228
• Thread ASME
• DIN 13
PMP11:
• Thread ISO 228, also flush-mount
• Thread ASME
• DIN 13
PMC21:
• Thread ISO 228
• Thread DIN 13
• Thread ASME
• Thread JIS
PMP21:
• Thread ISO 228, also flush-mount
• Thread DIN 13
• Thread ASME
• Thread JIS
Measuring ranges
• PMC11: from –400 to +400 mbar (–6 to +6 psi) to –1 to +40 bar (–15 to +600 psi).
• PMP11: from –400 to +400 mbar (–6 to +6 psi) to –1 to +40 bar (–15 to +600 psi).
• PMC21: from –100 to +100 mbar (–1.5 to +1.5 psi) to –1 to +40 bar (–15 to +600 psi).
• PMP21: from –400 to +400 mbar (–6 to +6 psi) to –1 to +400 bar (–15 to +6000 psi).
OPL (depends on the measuring range)
• PMC11: max. 0 to +60 bar (0 to +900 psi)
• PMP11: max. 0 to +160 bar (0 to +2400 psi)
• PMC21: max. 0 to +60 bar (0 to +900 psi)
• PMP21: max. 0 to +600 bar (0 to +9000 psi)
MWP
• PMC11: max. 0 to +40 bar (0 to +600 psi)
• PMP11: max. 0 to +100 bar (0 to +1500 psi)
• PMP21: max. 0 to +400 bar (0 to +6000 psi)
• PMC21: max. 0 to +40 bar (0 to +600 psi)
Process temperature range (temperature at process connection)
• PMC11: –25 to +85 °C (–13 to +185 °F)
• PMP11: –25 to +85 °C (–13 to +185 °F)
• PMC21: –25 to +100 °C (–13 to +212 °F)
• PMP21: –40 to +100 °C (–40 to +212 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com