Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
7
Example
• Sensor: 10 bar (150 psi)
• Upper range limit (URL) = 10 bar (150 psi)
Turn down (TD):
• Calibrated/adjusted span: 0 to 5 bar (0 to 75 psi)
• Lower range value (LRV) = 0 bar (0 psi)
• Upper range value (URV) = 5 bar (75 psi)
TD =
URL
|URV
-
LRV|
TD =
10 bar (150 psi)
= 2
|5 bar (75 psi)
-
0 bar (0 psi)|
In this example, the TD is 2:1.
This span is based on the zero point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com