Electronic Components Datasheet Search
  English  ▼

X  

PMP21 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # PMP21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP21 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button PMP21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMP21 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
10
Endress+Hauser
Ambient temperature range
PMC11: –40 to +70 °C (–40 to +158 °F)
PMP11: –40 to +70 °C (–40 to +158 °F)
PMC21:
• –40 to +85 °C (–40 to +185 °F)
• Devices for hazardous areas: –40 to +70 °C (–40 to +158 °F)
PMP21:
–40 to +85 °C (–40 to +185 °F)
Reference accuracy
• PMC11: up to 0.5 %, TD 5:1, for details, see "Reference accuracy" section.
• PMP11: up to 0.5 %, TD 5:1, for details, see "Reference accuracy" section.
• PMC21: up to 0.3 %, TD 5:1, for details, see "Reference accuracy" section.
• PMP21: up to 0.3 %, TD 5:1, for details, see "Reference accuracy" section.
Supply voltage
PMC11:
• 4 to 20 mA output: 10 to 30V DC
• 0 to 10 V output: 12 to 30V DC
PMP11:
• 4 to 20 mA output: 10 to 30V DC
• 0 to 10 V output: 12 to 30V DC
PMC21:
10 to 30 V DC
PMP21:
10 to 30 V DC
Output
PMC11:
• 4 to 20 mA
• 0 to 10 V
PMP11:
• 4 to 20 mA
• 0 to 10 V
PMC21:
4 to 20 mA
PMP21:
4 to 20 mA
Material
PMC11:
• Housing made from 316L (1.4404)
• Process connections made from 316L
• Process isolating diaphragm made from Al2O3 aluminum-oxide ceramic, (Ceraphire®), ultrapure
99.9 %
PMP11:
• Housing made from 316L (1.4404)
• Process connections made from 316L (1.4404)
• Process isolating diaphragm made from 316L (1.4435)
PMC21:
• Housing made from 316L (1.4404)
• Process connections made from 316L
• Process isolating diaphragm made from Al2O3 aluminum-oxide ceramic, (Ceraphire®), ultrapure
99.9 %
PMP21:
• Housing made from 316L (1.4404)
• Process connections made from 316L (1.4404)
• Process isolating diaphragm made from 316L (1.4435)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com