Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 100Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 101Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 102Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 103Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 104Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 105Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 106Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 107Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
•
Use low ohmic low inductance connections between VSS1, VSS2 and VSSR.
•
VSSPLL must be directly connected to VSSR.
•
Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C7,
C8 and Q1 as small as possible.
•
Do not place other signals or supplies underneath area occupied by C7, C8 and Q1 and the
connection area to the MCU.
•
Central power input should be fed in at the VDDA/VSSA pins.
Table 28-1 Recommended decoupling capacitor choice
Component
Purpose
Type
Value
C1
VDD1 filter cap
ceramic X7R
400nF
C2
VDD2 filter cap (not 80 QFP)
ceramic X7R
400nF
C3
VDDA filter cap
ceramic X7R
100nF
C4
VDDR filter cap
X7R/tantalum
>=100nF
C5
VDDPLL filter cap
ceramic X7R
200nF
C6
VDDX filter cap
X7R/tantalum
>=100nF
C7
OSC load cap
C8
OSC load cap
C9
PLL loop filter cap
See PLL specification chapter
C10
PLL loop filter cap
C11
VDDX filter cap
X7R/tantalum
>=100nF
C12
VDDX filter cap
X7R/tantalum
>=100nF
R1
PLL loop filter res
See PLL specification chapter
Q1
Quartz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com