Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 27Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 28Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 29Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
Operating Modes
General Release Specification — MC68HC705P6A
Section 3. Operating Modes
3.1 Contents
3.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
3.3
User Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
3.4
Bootloader Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
3.5
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
3.5.1
STOP Instruction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
3.5.1.1
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
3.5.1.2
Halt Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
3.5.2
WAIT Instruction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
3.6
COP Watchdog Timer Considerations . . . . . . . . . . . . . . . . . . .37
3.2 Introduction
The MC68HC705P6A has two modes of operation that affect the pinout
and architecture of the MCU: user mode and bootloader mode. The user
mode is normally used for the application and the bootloader mode is
used for programming the EPROM. The conditions required to enter
each mode are shown in Table 3-1. The mode of operation is
determined by the voltages on the IRQ/VPP and PD7/TCAP pins on the
rising edge of the external RESET pin.
The mode of operation is also determined whenever the internal COP
watchdog timer resets the MCU. When the COP timer expires, the
voltage applied to the IRQ/VPP pin controls the mode of operation while
the voltage applied to PD7/TCAP is ignored. The voltage applied to
PD7/TCAP during the last rising edge on RESET is stored in a latch and
used to determine the mode of operation when the COP watchdog timer
resets the MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com